Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9260 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM9260
Description  AT91 ARM Thumb Microcontrollers
PDF  798 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9260 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM9260 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 798 page
background image
21
6221I–ATARM–17-Jul-09
AT91SAM9260
8.
System Controller
The System Controller is a set of peripherals that allows handling of key elements of the system,
such as power, resets, clocks, time, interrupts, watchdog, etc.
The System Controller User Interface also embeds the registers that configure the Matrix and a
set of registers for the chip configuration. The chip configuration registers configure EBI chip
select assignment and voltage range for external memories
The System Controller’s peripherals are all mapped within the highest 16 Kbytes of address
space, between addresses 0xFFFF E800 and 0xFFFF FFFF.
However, all the registers of System Controller are mapped on the top of the address space. All
the registers of the System Controller can be addressed from a single pointer by using the stan-
dard ARM instruction set, as the Load/Store instruction has an indexing mode of ±4 Kbytes.
Figure 8-1 on page 22 shows the System Controller block diagram.
Figure 7-1 on page 16 shows the mapping of the User Interfaces of the System Controller
peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com