Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9260 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM9260
Description  AT91 ARM Thumb Microcontrollers
PDF  798 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9260 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9260 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 798 page
background image
13
6221I–ATARM–17-Jul-09
AT91SAM9260
5.
Power Considerations
5.1
Power Supplies
The AT91SAM9260 has several types of power supply pins:
• VDDCORE pins: Power the core, including the processor, the embedded memories and the
peripherals; voltage ranges from 1.65V and 1.95V, 1.8V nominal.
• VDDIOM pins: Power the External Bus Interface I/O lines; voltage ranges between 1.65V and
1.95V (1.8V typical) or between 3.0V and 3.6V (3.3V nominal). The expected voltage range is
selectable by software.
• VDDIOP0 pins: Power the Peripheral I/O lines and the USB transceivers; voltage ranges from
3.0V and 3.6V, 3V or 3.3V nominal.
• VDDIOP1 pins: Power the Peripherals I/O lines involving the Image Sensor Interface; voltage
ranges from 1.65V and 3.6V, 1.8V, 2.5V, 3V or 3.3V nominal.
• VDDBU pin: Powers the Slow Clock oscillator and a part of the System Controller; voltage
ranges from 1.65V to 1.95V, 1.8V nominal.
• VDDPLL pin: Powers the Main Oscillator and PLL cells; voltage ranges from 1.65V and
1.95V, 1.8V nominal.
• VDDANA pin: Powers the Analog to Digital Converter; voltage ranges from 3.0V and 3.6V,
3.3V nominal.
The power supplies VDDIOM, VDDIOP0 and VDDIOP1 are identified in the pinout table and the
multiplexing tables. These supplies enable the user to power the device differently for interfacing
with memories and for interfacing with peripherals.
Ground pins GND are common to VDDCORE, VDDIOM, VDDIOP0 and VDDIOP1 pins power
supplies. Separated ground pins are provided for VDDBU, VDDPLL and VDDANA. These
ground pins are respectively GNDBU, GNDPLL and GNDANA.
5.2
Power Consumption
The AT91SAM9260 consumes about 500 µA of static current on VDDCORE at 25°C. This static
current rises up to 5 mA if the temperature increases to 85°C.
On VDDBU, the current does not exceed 10 µA in worst case conditions.
For dynamic power consumption, the AT91SAM9260 consumes a maximum of 100 mA on
VDDCORE at maximum conditions (1.8V, 25°C, processor running full-performance algorithm
out of high speed memories).
C16
VDDIOP0
J2
PC17
P11
PA1
U15
PA16
C17
SHDN
J3
VDDIOM
P12
PA3
U16
PA18
D1
D9
J4
PC16
P13
PA7
U17
VDDIOP0
D2
D2
J8
GND
P14
PA9
D3
RAS
J9
GND
P15
PA26
D4
D0
J10
GND
P16
PA25
Table 4-2.
Pinout for 217-ball LFBGA Package (Continued)
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com