Electronic Components Datasheet Search
  English  ▼

X  

LOC117P Datasheet(PDF) 1 Page - Clare, Inc.

Part # LOC117P
Description  Linear Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC117P Datasheet(HTML) 1 Page - Clare, Inc.

  LOC117P Datasheet HTML 1Page - Clare, Inc. LOC117P Datasheet HTML 2Page - Clare, Inc. LOC117P Datasheet HTML 3Page - Clare, Inc. LOC117P Datasheet HTML 4Page - Clare, Inc. LOC117P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LOC117
Linear Optocoupler
www.clare.com
DS-LOC117-R01
1
e3
RoHS
2002/95/EC
Applications
Description
Ordering Information
Pin Configuration
•
Modem Transformer Replacement With No
Insertion Loss
•
Digital Telephone Isolation
•
Power Supply Feedback Voltage/Current
•
Medical Sensor Isolation
•
Audio Signal Interfacing
•
Isolation of Process Control Transducers
•
Small 8-Pin Package
•
Flatpack Package (PCMCIA Compatible)
•
Couples Analog and Digital Signals
•
Wide Bandwidth (>200kHz)
•
High Gain Stability
•
Low Input-to-Output Capacitance
•
Low Power Consumption
•
0.01% Servo Linearity
•
THD 87dB Typical
•
Machine Insertable, Wave Solderable
•
Surface Mount Tape and Reel Packaging Available
•
VDE Compatible
The LOC117 Linear Optocoupler features
an infrared LED optically coupled to a pair of
phototransistors. An input phototransistor provides
the servomechanism used to generate a feedback
control signal for the input LED drive current
thus compensating for the LED's nonlinear time
and temperature characteristics. The output
phototransistor provides an isolated signal that is
linear with respect to the servo LED current. LOC117
features include wide bandwidth, high input-to-output
isolation, and excellent servo linearity.
Approvals
•
UL Recognized: File Number E76270
•
CSA Certified: File Number LR 43639-10
•
EN/IEC 60950-1:2001 Compliant
Features
– LED
+ LED
+VC1
I1
N/C
N/C
+VC2
I2
1
2
3
4
8
7
6
5
Part #
Description
LOC117
8-Pin DIP (50/tube)
LOC117P
8-Pin Flatpack (50/tube)
LOC117PTR
8-Pin Flatpack (1000/Reel)
LOC117S
8-Pin Surface Mount (50/tube)
LOC117STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
LED Operating Range
2-10
mA
K3, Transfer Gain
0.887-1.072
-
Isolation, Input to Output
3750
V
rms


Similar Part No. - LOC117P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LOC117P IXYS-LOC117P Datasheet
123Kb / 6P
Linear Optocoupler
LOC117PTR IXYS-LOC117PTR Datasheet
123Kb / 6P
Linear Optocoupler
More results

Similar Description - LOC117P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
IXYS Corporation
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
Single Linear Optocoupler
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
Linear Optocoupler
logo
Skyworks Solutions Inc.
OLH7000 SKYWORKS-OLH7000 Datasheet
229Kb / 5P
Hermetic Linear Optocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com