Electronic Components Datasheet Search
  English  ▼

X  

LOC117P Datasheet(PDF) 3 Page - Clare, Inc.

Part # LOC117P
Description  Linear Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC117P Datasheet(HTML) 3 Page - Clare, Inc.

  LOC117P Datasheet HTML 1Page - Clare, Inc. LOC117P Datasheet HTML 2Page - Clare, Inc. LOC117P Datasheet HTML 3Page - Clare, Inc. LOC117P Datasheet HTML 4Page - Clare, Inc. LOC117P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LOC117
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0
10
20
30
40
50
LOC117
LED Current (I F) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
LOC117
LED Current (I
F) vs.
LED Forward Voltage (V
F)
LOC117
Servo Gain vs.
LED Current & Temperature
LED Current (mA)
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
0
2
4
6
8
12
10
0°C
25°C
50°C
70°C
85°C
LOC117
Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
140
120
100
80
60
40
20
0
0
2
4
6
8
12
10
0°C
25°C
50°C
70°C
85°C
LOC117
Normalized Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
2
4
6
8
12
10
0°C
25°C
50°C
70°C
85°C
LOC117
Typical LED Forward Voltage Drop vs.
Temperature
Temperature (°C)
-40
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
-15
10
35
60
85
I
F = 10mA
I
F = 20mA
I
F = 5mA
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Characteristics @ 25°C
LED Voltage Drop
I
F=2-10mA
V
F
0.9
1.2
1.4
V
Reverse LED Current
V
R=5V
I
R
-
-
10
µA
Coupler/Detector Characteristics @ 25°C
Dark Current
I
F=0mA, VCB=15V
I
CBO
-
1
25
nA
K1, Servo Gain (I
1/IF)
I
F=2-10mA, VCB1=15V
K1
0.008
-
0.030
-
K2, Forward Gain (I
2/IF)
I
F=2-10mA, VCB2=15V
K2
0.006
-
0.030
-
K3, Transfer Gain (K
2/K1)
I
F=2-10mA, VCB1=VCB2=15V
K3
0.887
1.0
1.072
-
∆
K3, Transfer Gain Linearity (non-servoed)
I
F=2-10mA
∆
K3
-
-
1.0
%
K3 Temperature Coefficient
I
F=2-10mA, Vdet=-5V
∆
K3/∆T
-
0.005
-
%/°C
Common Mode Rejection Ratio
V=20V
PP, RL=2KΩ,
f=100Hz
CMRR
-
130
-
dB
Total Harmonic Distortion
f
O=350Hz, 0dBm
THD
-96
-87
-80
dB
Frequency Response
Photoconductive Operation
f
-3dB
-
200
-
kHz
Photovoltaic Operation
f
-3dB
-
40
-
kHz
Common Characteristics @ 25°C
Input/Output Capacitance
-
C
I/O
-
3
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com