Electronic Components Datasheet Search
  English  ▼

X  

LOC117P Datasheet(PDF) 4 Page - Clare, Inc.

Part # LOC117P
Description  Linear Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC117P Datasheet(HTML) 4 Page - Clare, Inc.

  LOC117P Datasheet HTML 1Page - Clare, Inc. LOC117P Datasheet HTML 2Page - Clare, Inc. LOC117P Datasheet HTML 3Page - Clare, Inc. LOC117P Datasheet HTML 4Page - Clare, Inc. LOC117P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
LOC117
R01
e3
RoHS
2002/95/EC
MECHANICAL DIMENSIONS
Dimensions:
mm
(inches)
3.302
(0.130)
0.254 TYP.
(0.010)
0.635 TYP.
(0.025)
8-Pin Surface Mount (“S” Suffix)
4.445 ± 0.127
(0.175 ± 0.005)
7.620 ± 0.254
(0.300 ± 0.010)
2.540 ± 0.127
(0.100 ± 0.005)
9.652 ± 0.381
(0.380 ± 0.015)
6.350 ± 0.127
(0.250 ± 0.005)
9.525 ± 0.254
(0.375 ± 0.010)
0.457 ± 0.076
(0.018 ± 0.003)
8.077 ± 0.127
(0.318 ± 0.005)
PC Board Pattern
(Top View)
8-0.800 DIA.
(8-0.031 DIA.)
2.540 ± 0.127
(0.100 ± 0.005)
7.620 ± 0.127
(0.300 ± 0.005)
7.620 ± 0.127
(0.300 ± 0.005)
6.350 ± 0.127
(0.250 ± 0.005)
7.239 TYP.
(0.285)
3.302
(0.130)
9.144 TYP.
(0.360)
8-Pin DIP Through Hole (Standard)
7.620 ± 0.254
(0.300 ± 0.010)
2.540 ± 0.127
(0.100 ± 0.005)
6.350 ± 0.127
(0.250 ± 0.005)
8.077 ± 0.127
(0.318 ± 0.005)
9.144 ± 0.508
(0.360 ± 0.020)
0.457 ± 0.076
(0.018 ± 0.003)
9.652 ± 0.381
(0.380 ± 0.015)
PC Board Pattern
(Top View)
2.540 ± 0.127
(0.100 ± 0.005)
8.305 ± 0.127
(0.327 ± 0.005)
1.905 ± 0.127
(0.075 ± 0.005)
1.498 ± 0.127
(0.059 ± 0.005)
PC Board Pattern
(Top View)
1.193
(0.047)
0.787
(0.031)
2.540 ± 0.127
(0.100 ± 0.005)
8.763 ± 0.127
(0.345 ± 0.005)
8-Pin Flatpack (“P” Suffix)
2.159 TYP.
(0.085)
7.620 ± 0.254
(0.300 ± 0.010)
0.635 ± 0.127
(0.025)
9.652 ± 0.381
(0.380 ± 0.015)
2.540 ± 0.127
(0.100 ± 0.005)
9.398 ± 0.127
(0.370 ± 0.005)
0.457 ± 0.076
(0.018 ± 0.003)
8.077 ± 0.127
(0.318 ± 0.005)
6.350 ± 0.127
(0.250 ± 0.005)
2.286 MAX.
(0.090)
0.203
(0.008)
Manufacturing Information
Soldering
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Recommended soldering processes are limited to
260ºC component body temperature for 10 seconds.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com