Electronic Components Datasheet Search
  English  ▼

X  

MX844 Datasheet(PDF) 5 Page - IXYS Corporation

Part # MX844
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844 Datasheet(HTML) 5 Page - IXYS Corporation

  MX844 Datasheet HTML 1Page - IXYS Corporation MX844 Datasheet HTML 2Page - IXYS Corporation MX844 Datasheet HTML 3Page - IXYS Corporation MX844 Datasheet HTML 4Page - IXYS Corporation MX844 Datasheet HTML 5Page - IXYS Corporation MX844 Datasheet HTML 6Page - IXYS Corporation MX844 Datasheet HTML 7Page - IXYS Corporation MX844 Datasheet HTML 8Page - IXYS Corporation MX844 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MX844
5
08/25/06
Drawing No. 084423
www.claremicronix.com
IXYS
MX844
Analog/Digital Converter
Selection of the input channel and the full scale range is accomplished by writing 5 bits in the control
register. An additional 3 bits in the control register in combination with the M1 pin setup the internal clock
dividers. The ADC is a bipolar-input dual slope type with clock period tAD equal to a multiple of the clock
period at pin X1 (tClock). The ADC conversion time consists of 1024 * tAD of auto-zero, 1024 * tAD of
input integration, and 2048 * tAD of reference integration. The result of the analog to digital conversion
can be read using the serial I/O port and is also transmitted on pin AOUT in an asynchronous serial
format. The DRDY pin transitions low at the end of the reference integration period to indicate that data is
stable and may be read through the synchronous serial I/O. The data becomes not valid when DRDY
returns high. The status of DRDY is also available in bit 7 of the ADC_1 register.
The SYNC pin is connected to GND to enable free-running ADC conversions. Alternatively, if SYNC
transitions high, the ADC is immediately driven to the start of the auto-zero time. When SYNC is returned
to a logic low, the next rising edge at pin X2 will start the ADC timing.
The input channel and full scale range may be changed in between ADC conversions, however it is
recommended that such commands be written into the MX844 as soon as possible after pin DRDY
transitions low. This allows the maximum settling time prior to the next ADC conversion.
ADC clock # 0
1023 1024
2047 2048
4095 0
1023 1024
2047 2048
auto-zero
input integrate
reference integrate
next auto-zero
SYNC
DRDY (active low)
CMP (active low)
AOUT
6 data bits
6 data bits
DRDY and CMP cleared if ADC_2 register is read
CMP is the digital compare output that is described later. AOUT is the asynchronous serial output of the
ADC.
The ADC output code is offset-binary. An example of the coding is shown here for the +/-50mV range and
the corresponding unipolar range of 0 to 100mV:
Bipolar input
Unipolar input
Binary Output (D11:D0)
Hexadecimal
50mV
100mV
111111111111
FFF
0 + 1/2 LSB
50mV + 1/2 LSB
100000000000
800
0 - 1/2 LSB
50mV - 1/2 LSB
011111111111
7FF
-50mV
0
000000000000
000
Two external components, Rin and Cint, should be chosen such that the value of Cint in pF is 4 to 7 * tAD
and the time constant of Rint * Cint is 300 to 450 * tAD. The value of Rint should be between 47K and
220K ohm. For example, for t(AD) = 1.6 uS, a set of suitable values would be 56K ohm and 10nF (RC =
560uS, ratio = 350). The value of the auto-zero capacitor Caz is typically equal to Cint.
VTRIM is either a no-connect pin or can be used to fine
VCC
trim the ADC full scale by +/- 1%. The following circuit
is recommended if fine trimming is desired:
20K
1K
VTRIM
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com