Electronic Components Datasheet Search
  English  ▼

X  

MX844 Datasheet(PDF) 9 Page - IXYS Corporation

Part # MX844
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button MX844 Datasheet HTML 5Page - IXYS Corporation MX844 Datasheet HTML 6Page - IXYS Corporation MX844 Datasheet HTML 7Page - IXYS Corporation MX844 Datasheet HTML 8Page - IXYS Corporation MX844 Datasheet HTML 9Page - IXYS Corporation MX844 Datasheet HTML 10Page - IXYS Corporation MX844 Datasheet HTML 11Page - IXYS Corporation MX844 Datasheet HTML 12Page - IXYS Corporation MX844 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MX844
9
08/25/06
Drawing No. 084423
www.claremicronix.com
IXYS
MX844
ADC_1 REGISTER, A[2:0] = 100 binary
7
DRDY status
0 = data ready
1 = data not ready
6
CMP status
0 = ADC data outside the comparator window
1 = ADC data inside the comparator window
5
reserved
4
reserved
3
ADC data D11
2
ADC data D10
1
ADC data D9
0
ADC data D8
ADC_2 REGISTER, A[2:0] = 101 binary
7:0
ADC data D[7:0]
Note: Reading this address sets the DRDY and CMP status bits to logic 1 and pins DRDY and CMP = high.
EXTERNAL SERIAL EEPROM PROGRAMMING
In this mode the MX844 auto-increments the EEPROM address from 0 up to 7 and then the address rolls
back to 0. A single EEPROM word is read at the beginning of every ADC auto-zero period and is
interpreted by the MX844 as a synchronous serial I/O write command. These commands control the
scanning sequence of the ADC channels, the full scale ranges, and the internal dividers. The MX844
accesses the EEPROM as if it were a ROM and will not write or erase the EEPROM. In the master mode
the first data bit serially read out of the EEPROM must always be a logic 1 which indicates a write (of the
MX844 register). The second through fourth bits are the address field, followed by eight data bits. The
last four bits of the EEPROM word are don't cares.
One 16-bit word of the 93C46 serial EEPROM is used to hold one MX844 synchronous serial I/O
instruction. Each pulse of SCK corresponds to one bit in the EEPROM. However, the data is aligned
such that the MX844 R/W bit that occurs at the 5th SCK pulse of the serial interface timing is the MSB in
the EEPROM word. The last 4 bits of the EEPROM word are always zero. For example, the instruction
to write the byte 1Ah into the MX844 control register (IN2 +/-250mV scale) would be programmed into the
EEPROM as the 16-bit quantity 81A0h. Entered into a typical programmer file editor in the least-
significant-byte first format it would be the byte A0h followed by the byte 81h. Eight pairs of bytes can be
specified in the programming file (EEPROM address 0 to 7). The MX844 will ignore the remaining
contents of the EEPROM (address > 7).
MX844 command:
R/W A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0
1
0
0
0
0
0
0
1
1
0
1
0
8
1
A
EEPROM programmer editor:
B3 B2 B1 B0
0 0 0 0
R/W A2 A1 A0
B7 B6 B5 B4
A
0
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com