Electronic Components Datasheet Search
  English  ▼

X  

MX844 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX844
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844 Datasheet(HTML) 1 Page - IXYS Corporation

  MX844 Datasheet HTML 1Page - IXYS Corporation MX844 Datasheet HTML 2Page - IXYS Corporation MX844 Datasheet HTML 3Page - IXYS Corporation MX844 Datasheet HTML 4Page - IXYS Corporation MX844 Datasheet HTML 5Page - IXYS Corporation MX844 Datasheet HTML 6Page - IXYS Corporation MX844 Datasheet HTML 7Page - IXYS Corporation MX844 Datasheet HTML 8Page - IXYS Corporation MX844 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
IXYS
MX844
1
08/25/06
Drawing No. 084423
www.claremicronix.com
MX844
12 BIT, MULTI-CHANNEL POWER & TEMP
SENSOR FOR MONITOR & CONTROL SYSTEMS
Features:
•
Wide Input Supply Range: 4.5V to 40V
•
Programmable gain differential amplifier
(±10mV, ±25mV, ±50mV, ±250mV ranges)
•
4 channel differential input multiplexer
(3 input channels plus ground)
•
Integrated 12-bit ADC
•
Serial data output (SDO) with data ready pin
•
Fine calibration of Full Scale Range (FSR)
using VTRIM pin
•
Bi-directional Current Sense
•
Internal temperature sensor with 0.2°C
resolution
•
Compatible with 3.3V and 5V
Microcontrollers
•
Operating Temperature Range: -40°C to
85°C
5mm x
•
5mm, QFN-28 RoHS Package
Ordering Information
Part No.
Description
Qty
MX844R
QFN-28 Tube
73
MX844RTR QFN-28 Tape & Reel
2500
Description:
The MX844 is a fully integrated subsystem that
measures temperature plus differential current and
voltage. An internal temperature sensor measures
ambient temperature with 2.5°C accuracy. Current
and voltage measurements are made differentially
through a four input multiplexer connected to a
programmable gain fully differential sense amplifier.
The differential sense amplifier is optimized to
measure very small positive or negative voltages
near ground for low side bi-directional sensing. A
dual slope ADC converts the temperature sensor or
sense amplifier outputs to a 12-bit digital word that
includes 3 ½ digits plus sign. The input multiplexer
channel and programmable gain amplifier range may
be changed between ADC conversions. An on-chip
voltage regulator enables the MX844 to operate over
a wide input voltage range of 4.5 to 40 volts.
Controller
interrupt
or
over-voltage/over-current
signals may be generated by a pair of 12-bit digital
comparators configured as a window comparator or
simple threshold detection function. The serial port
supports standard 4-wire synchronous serial data, or
asynchronous
serial
“talk-only”
data,
and
is
compatible with most 3.3V and 5V microcontrollers.
Typical Application:
DRV
VCC
RIN
BUF
CAZ
CINT
IZ
VIN
Regulator
M1
IN1P
SDI
IN2P
Registers
Serial
SDO
IN3P
I/O
SCK
CS
ADC
Control
AOUT
IN1N
DRDY
IN2N
CMP
IN3N
Temperature
Divider
X1
GND
Sensor
X2
VTRIM
SYNC
Charging
system
Load
93C46
MX844
MX844
eeprom
Load
IN
Rectifier
IN
uP
T
IN
IN
uP
IN
Battery charge/discharge current, voltage, temperature
Isolated voltage, current, and temperature sensing
Batt


Similar Part No. - MX844

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Japan Aviation Electron...
MX84B007PF1 JAE-MX84B007PF1 Datasheet
157Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B007SF1 JAE-MX84B007SF1 Datasheet
180Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B012NF1 JAE-MX84B012NF1 Datasheet
147Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B012PF1 JAE-MX84B012PF1 Datasheet
165Kb / 3P
PHEV/EV Connector Using Low Flammability Material
More results

Similar Description - MX844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Vishay Siliconix
TSOP98260 VISHAY-TSOP98260 Datasheet
105Kb / 5P
IR Sensor Module for Remote Control Systems
28-Mar-12
logo
Texas Instruments
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
logo
Vishay Siliconix
TSMP96000 VISHAY-TSMP96000_V01 Datasheet
351Kb / 11P
IR Sensor Module for Remote Control Systems
20-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com