Electronic Components Datasheet Search
  English  ▼

X  

MX844R Datasheet(PDF) 19 Page - IXYS Corporation

Part # MX844R
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844R Datasheet(HTML) 19 Page - IXYS Corporation

Back Button MX844R Datasheet HTML 13Page - IXYS Corporation MX844R Datasheet HTML 14Page - IXYS Corporation MX844R Datasheet HTML 15Page - IXYS Corporation MX844R Datasheet HTML 16Page - IXYS Corporation MX844R Datasheet HTML 17Page - IXYS Corporation MX844R Datasheet HTML 18Page - IXYS Corporation MX844R Datasheet HTML 19Page - IXYS Corporation MX844R Datasheet HTML 20Page - IXYS Corporation MX844R Datasheet HTML 21Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MX844
19
08/25/06
Drawing No. 084423
www.claremicronix.com
MX844
IXYS
POWER MONITOR PRINTED CIRCUIT BOARD PARTS LIST
U1
MICRONIX MX844
28-QFN 5x5mm
U2
MICROCHIP 93LC46B
Serial EEPROM
8-SOIC
U3
LiteOn 4N35S
Opto-isolator
6-SMT
Q1
ON Semi MBT3904
Dual 2N3904
SOT-363
Q2
ON Semi MBT3906
Dual 2N3906
SOT-363
D1
ON Semi MMSZ5245B
15V 0.5W Zener
SOD-123
D2
Fairchild S1J
600V Rectifier
SMA
X1
Abracon AWSCR-8.00MGD-T
8MHz Resonator
7434-SMT
C1
Nichicon UWX1C101MCL1GB
100uF
16V
6.3x5.4 SMT
C2
Murata GRM155F51C104ZA01D
0.1uF
Y5V 16V
0402
C3
Murata GRM2165C1H332JA01D
3300pF COG 5%
0805
(low loss for integrator, COG acceptable, metal film is better)
C4
Murata GRM188R71H223MA01D
0.022uF X7R 20%
0603
C5-C7 Murata GRM155R71E103KA01D
0.01uF X7R 10%
0402
C8
Nichicon F931A106MAA
10 uF
10V
3.2 by 1.6 SMT
R1
Panasonic ERJ-M1WTF2M0U
0.002 1%
2512
(current sense type)
R2-3
220K
1%
1206
R4
270
1%
0603
R5
22K
0603
R6
100K
0603
R7, R21, R22
470
0603
R8
330K
0603
R9
470K
0603
R10
7.5K
0603
R11
47K
0603
R12
150K
0603
R13
10K
0603
R14-R20
1K
1206
P1
NORCOMP
182-009-212-531
DB-9 for computer serial port
P2, P3 Phoenix Contact MKDS 5/2-9.5 1714971
Suitable for AC line connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com