Electronic Components Datasheet Search
  English  ▼

X  

MX844R Datasheet(PDF) 2 Page - IXYS Corporation

Part # MX844R
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844R Datasheet(HTML) 2 Page - IXYS Corporation

  MX844R Datasheet HTML 1Page - IXYS Corporation MX844R Datasheet HTML 2Page - IXYS Corporation MX844R Datasheet HTML 3Page - IXYS Corporation MX844R Datasheet HTML 4Page - IXYS Corporation MX844R Datasheet HTML 5Page - IXYS Corporation MX844R Datasheet HTML 6Page - IXYS Corporation MX844R Datasheet HTML 7Page - IXYS Corporation MX844R Datasheet HTML 8Page - IXYS Corporation MX844R Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MX844
IXYS
Absolute Maximum Ratings (Voltages with respect to GND=0V)
Parameter
Symbol
Min
Max
Unit
VIN, RIN, DRV
45
V
All Other Pins
6
V
Storage Temperature
TSTG
-55
150
C
o
Operating Ambient Temp
TA
-40
85
C
o
Operating Junction Temp
TJ
100
C
o
Thermal Resistance
(Junction to Ambient)
RθJA
110 Typical
C
o/W
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the MX844 features proprietary ESD protection circuitry,
permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
DC Electrical Characteristics
XTAL = 8MHz, T=25C, Cint = Caz = 10nF, Rint = 68K, TA = +25
oC
Parameter
Condition
Min
Typ
Max
Unit
VCC line regulation
VIN = 6 to 45V, no external load
4.8
5.3
V
VCC load regulation
VIN = 6V, 15 mA external load
4.7
V
VIN supply current
VIN = 6V
3.2
4.5
mA
Input bias current
selected input channel
10
20
40
nA
Input bias current offset
-4
4
nA
Input offset voltage
differential, input=0, +/-10mV scale
-0.4
0.4
mV
input common mode
all input channels
-300
300
mV
ADC gain error
+/-250mV range, at 90% input
-0.5
0.5
%
+/-50mV range
-1.25
0.25
%
+/-25mV range
-1.5
0.25
%
+/-10mV range
-1
0.25
%
ADC linearity
at half full scale
-3
+/-0.5
3
lsb
ADC noise
1.5
rms lsb
Temperature error
-2.5
2.5
oC
Temperature slope
0.2
oC/lsb
Temperature offset
Zero
oC
3310
lsb
Power on reset duration
100
uS
Digital output low
I = 20mA
0.5
V
Digital output high
I = 6mA
VCC-0.5
V
Digital input low
GND
0.5
V
Digital input high
2
VCC
V
Digital input current
±1
uA
Clock frequency
terminal X1
0.1
20
MHz
Clock input low
terminal X1
GND
0.4
V
Clock input high
terminal X1
2
VCC
V
Clock input current
terminal X1
50
uA
Absolute
Maximum
Ratings
are
stress ratings. Stresses in excess of
these ratings can cause permanent
damage to the device. Functional
operation of the device at these or
any other conditions beyond those
indicated in the operational sections
of this data sheet is not implied.
Exposure
of
the
device
to
the
absolute maximum ratings for an
extended period may degrade the
device and affect its reliability.
MX844
2
08/25/06
Drawing No. 084423
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com