Electronic Components Datasheet Search
  English  ▼

X  

MX844R Datasheet(PDF) 8 Page - IXYS Corporation

Part # MX844R
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844R Datasheet(HTML) 8 Page - IXYS Corporation

Back Button MX844R Datasheet HTML 4Page - IXYS Corporation MX844R Datasheet HTML 5Page - IXYS Corporation MX844R Datasheet HTML 6Page - IXYS Corporation MX844R Datasheet HTML 7Page - IXYS Corporation MX844R Datasheet HTML 8Page - IXYS Corporation MX844R Datasheet HTML 9Page - IXYS Corporation MX844R Datasheet HTML 10Page - IXYS Corporation MX844R Datasheet HTML 11Page - IXYS Corporation MX844R Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MX844
8
08/25/06
Drawing No. 084423
www.claremicronix.com
IXYS
MX844
REGISTER ADDRESS AND BIT ASSIGNMENT
All registers are read/write except for the two ADC result registers which are read only. The left hand
column refers to the data bits shown as B7 through B0 on the synchronous serial I/O timing diagram.
CONTROL REGISTER, address A[2:0] = 000 binary
ADC Clock divisor
Baud rate divisor
CR[7:5] Clock divisor
bits
M1 low
M1 high
M1 low M1 high
000
8
8
512
416
001
4
4
256
208
010
6
12
384
768
011
3
13
192
832
100
192
160
1024
1024
101
216
180
1152
1152
110
288
240
1536
1536
111
312
260
1664
1664
CR[4:3] Input channel select
00
IN1
01
IN3
10
GND
11
IN2
CR[2:0] Full scale select
000
+/- 50 mV
V(INxP) – V(INxN)
001
+/- 25 mV
010
+/- 250 mV
011
+/- 10 mV
100
0 to 100 mV
101
0 to 50 mV
110
selects the internal temperature sensor
111
0 to 20 mV
COMP_1 REGISTER, A[2:0] = 001 binary
7:0
Eight least significant bits of comparator 1
COMP_2 REGISTER, A[2:0] = 010 binary
7:0
Eight least significant bits of comparator 2
COMP_MSN REGISTER, A[2:0] = 011 binary
7:4
Four most significant bits of comparator 1
3:0
Four most significant bits of comparator 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com