Electronic Components Datasheet Search
  English  ▼

X  

MX856 Datasheet(PDF) 3 Page - Clare, Inc.

Part # MX856
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX856 Datasheet(HTML) 3 Page - Clare, Inc.

  MX856 Datasheet HTML 1Page - Clare, Inc. MX856 Datasheet HTML 2Page - Clare, Inc. MX856 Datasheet HTML 3Page - Clare, Inc. MX856 Datasheet HTML 4Page - Clare, Inc. MX856 Datasheet HTML 5Page - Clare, Inc. MX856 Datasheet HTML 6Page - Clare, Inc. MX856 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MX856 / MX857
3
4/11/06
Drawing No. 19209
www.claremicronix.com
MX856 / MX857
DC Characteristics - Over Guaranteed Operating Range
SYMBOL
PARAMETER
MIN
TYP
MAX
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage(IOH=-1mA)
VOPT - 0.1
V
VOL
Output LOW Voltage (IOL=1mA)
VEE + 0.1
V
IIN
Input Current (VIN=0.0 to VCC)
-10
+10
uA
VCC = 3.3V
<1.0
uA
ICC
Supply Current (VIN=0.0 or VCC)
VCC = 5.0V
<1.0
uA
VCC = 3.3V
<1.0
uA
IEE
Supply Current (VIN=0.0 or VCC)
VCC = 5.0V
<1.0
uA
VCC = 3.3V
<1.0
uA
IOPT
Supply Current (VIN=0.0 or VCC)
VCC = 5.0V
<1.0
uA
ESD Warning
ESD (electrostatic discharge) sensitive device. Electrostatic charges can readily accumulate on test equipment and the human body
in excess of 4000 Volts. This energy can discharge without detection. Although the MX856 / MX857 feature proprietary ESD
protection circuitry, permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com