Electronic Components Datasheet Search
  English  ▼

X  

MX856 Datasheet(PDF) 5 Page - Clare, Inc.

Part # MX856
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX856 Datasheet(HTML) 5 Page - Clare, Inc.

  MX856 Datasheet HTML 1Page - Clare, Inc. MX856 Datasheet HTML 2Page - Clare, Inc. MX856 Datasheet HTML 3Page - Clare, Inc. MX856 Datasheet HTML 4Page - Clare, Inc. MX856 Datasheet HTML 5Page - Clare, Inc. MX856 Datasheet HTML 6Page - Clare, Inc. MX856 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MX856 / MX857
5
4/11/06
Drawing No. 19209
www.claremicronix.com
MX856 / MX857
Pad Locations (in µm)
PAD NAME
X
Y
OUT
89.1
556.4
OUT_B
489.1
556.4
GND
579.1
306.3
VOPT
579.3
126.8
VEE
406
0
IN
165.4
0
VCC
0
74.3
GND
49.9
306.3
Pad location is the pad center point in microns. The origin of the coordinates is located as shown.
Die Size: 1095 µm X 930 µm
(Not Drawn To Scale)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com