Electronic Components Datasheet Search
  English  ▼

X  

MX856 Datasheet(PDF) 4 Page - Clare, Inc.

Part # MX856
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX856 Datasheet(HTML) 4 Page - Clare, Inc.

  MX856 Datasheet HTML 1Page - Clare, Inc. MX856 Datasheet HTML 2Page - Clare, Inc. MX856 Datasheet HTML 3Page - Clare, Inc. MX856 Datasheet HTML 4Page - Clare, Inc. MX856 Datasheet HTML 5Page - Clare, Inc. MX856 Datasheet HTML 6Page - Clare, Inc. MX856 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MX856 / MX857
4
4/11/06
Drawing No. 19209
www.claremicronix.com
MX856 / MX857
AC Characteristics
VCC=VOPT=3.3V, VEE=-16.7V or -4.5V, Input rise and fall time 6ns, VIH=3.1, VIL=0.2V, TA = -40
OC to +85 OC
VCC=VOPT=5.0V, VEE=-15.0V or -4.5V, Input rise and fall time 6ns, VIH=4.8, VIL=0.2V, TA = -40
OC to +85 OC
SYMBOL
PARAMETER
Typ
Max
UNITS
VCC = 3.3V
22
29
nS
TPLH
Propagation Delay (low to high input)
VCC = 5.0V
24
29
nS
VCC = 3.3V
20
29
nS
TPHL
Propagation Delay (high to low input)
VCC = 5.0V
20
29
nS
VCC = 3.3V
5
9
nS
TTLH
Output Rise Time (CLD=10pf)
VCC = 5.0V
4
9
nS
VCC = 3.3V
5
8
nS
TTHL
Output Fall Time (CLD=10pf)
VCC = 5.0V
4
8
nS
VCC = 3.3V
5
10
nS
TSKEW
Delay Skew (Output A to Output B)
VCC = 5.0V
5
10
nS
CIN
Input Capacitance
15
pF
Note: Production Tested at 25
OC OC
90%
10%
10%
VCC-0.2V
90%
0.2V
6ns
6ns
50%
50%
IN
OUT
OUTB
90%
50%
10%
10%
50%
90%
10%
50%
90%
10%
50%
90%
Vee
Vopt
Vee
Vopt
Tskew
Tphl
Tphl
Tskew
Tplh
Tplh
Tlh
Thl
Thl
Tlh



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com