Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 257 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 257 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 253Page - ATMEL Corporation ATmega16U4 Datasheet HTML 254Page - ATMEL Corporation ATmega16U4 Datasheet HTML 255Page - ATMEL Corporation ATmega16U4 Datasheet HTML 256Page - ATMEL Corporation ATmega16U4 Datasheet HTML 257Page - ATMEL Corporation ATmega16U4 Datasheet HTML 258Page - ATMEL Corporation ATmega16U4 Datasheet HTML 259Page - ATMEL Corporation ATmega16U4 Datasheet HTML 260Page - ATMEL Corporation ATmega16U4 Datasheet HTML 261Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 408 page
background image
257
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Figure 21-6. Typical Self powered application with 3.0V to 3.6 I/O
21.3.3
Design guidelines
• Serial resistors on USB Data lines must have 22 Ohms value (+/- 5%).
• Traces from the input USB receptable (or from the cable connection in the case of a tethered
device) to the USB microcontroller pads should be as short as possible, and follow differential
traces routing rules (same length, as near as possible, avoid via accumulation).
• Voltage transient / ESD suppressors may also be used to prevent USB pads to be damaged
by external disturbances.
•U
cap capacitor should be 1µF (+/- 10%) for correct operation.
• A 10µF capacitor is highly recommended on VBUS line
1µF
External 3.0V - 3.6V
Power Supply
UDP
UDM
VBUS
UVSS
UID
UCAP
D-
D+
VBUS
UID
UGND
UVCC
AVCC
VCC
XTAL1
XTAL2
GND
GND
Rs=22
Rs=22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com