Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 258 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 258 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 254Page - ATMEL Corporation ATmega16U4 Datasheet HTML 255Page - ATMEL Corporation ATmega16U4 Datasheet HTML 256Page - ATMEL Corporation ATmega16U4 Datasheet HTML 257Page - ATMEL Corporation ATmega16U4 Datasheet HTML 258Page - ATMEL Corporation ATmega16U4 Datasheet HTML 259Page - ATMEL Corporation ATmega16U4 Datasheet HTML 260Page - ATMEL Corporation ATmega16U4 Datasheet HTML 261Page - ATMEL Corporation ATmega16U4 Datasheet HTML 262Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 408 page
background image
258
7766D–AVR–01/09
ATmega16U4/ATmega32U4
21.4
General Operating Modes
21.4.1
Introduction
The USB controller is disabled and reset after an hardware reset generated by:
– Power on reset
– External reset
– Watchdog reset
– Brown out reset
– JTAG reset
But another available and optional CPU reset source is:
– USB End Of Reset
In this case, the USB controller is reset, but not disabled (so that the device remains attached).
21.4.2
Power-on and reset
The next diagram explains the USB controller main states on power-on:
Figure 21-7. USB controller states after reset
USB Controller state after an hardware reset is ‘Reset’. In this state:
• USBE is not set
• the USB controller clock is stopped in order to minimize the power consumption
(FRZCLK=1),
• the USB controller is disabled,
• the USB pad is in the suspend mode,
• the Device USB controller internal state is reset.
After setting USBE, the USB Controller enters the Device state. The controller is ‘Idle’.
The USB Controller can at any time be stopped by clearing USBE. In fact, clearing USBE acts
as an hardware reset.
21.4.3
Interrupts
Two interrupts vectors are assigned to USB interface.
Dev ice
Reset
USBE=0
<any other
state>
USBE=1
Clock stopped
FRZCLK=1
M acro off
USBE=0
USBE=0
HW
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com