Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 268 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 268 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 264Page - ATMEL Corporation ATmega16U4 Datasheet HTML 265Page - ATMEL Corporation ATmega16U4 Datasheet HTML 266Page - ATMEL Corporation ATmega16U4 Datasheet HTML 267Page - ATMEL Corporation ATmega16U4 Datasheet HTML 268Page - ATMEL Corporation ATmega16U4 Datasheet HTML 269Page - ATMEL Corporation ATmega16U4 Datasheet HTML 270Page - ATMEL Corporation ATmega16U4 Datasheet HTML 271Page - ATMEL Corporation ATmega16U4 Datasheet HTML 272Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 408 page
background image
268
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• the UEINTX, UESTA0X and UESTA1X are restored to their reset value.
The data toggle field remains unchanged.
The other registers remain unchanged.
The endpoint configuration remains active and the endpoint is still enabled.
The endpoint reset may be associated with a clear of the data toggle command (RSTDT bit) as
an answer to the CLEAR_FEATURE USB command.
22.4
USB reset
When an USB reset is detected on the USB line (SE0 state with a minimum duration of 2.5µs),
the next operations are performed by the controller:
• all the endpoints are disabled
• the default control endpoint remains configured (see Section 22.3, page 267 for more
details).
If the CPU hardware reset function is activated (RSTCPU bit set in UDCON register), a reset is
generated to the CPU core without disabling the USB controller (that follows the same behavior
than after a standard USB End of Reset, and remains attached). That feature may be used to
enhance device reliability.
22.5
Endpoint selection
Prior to any operation performed by the CPU, the endpoint must first be selected. This is done
by setting the EPNUM2:0 bits (UENUM register) with the endpoint number which will be man-
aged by the CPU.
The CPU can then access to the various endpoint registers and data.
22.6
Endpoint activation
The endpoint is maintained under reset as long as the EPEN bit is not set.
The following flow must be respected in order to activate an endpoint:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com