Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 265 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 265 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 261Page - ATMEL Corporation ATmega16U4 Datasheet HTML 262Page - ATMEL Corporation ATmega16U4 Datasheet HTML 263Page - ATMEL Corporation ATmega16U4 Datasheet HTML 264Page - ATMEL Corporation ATmega16U4 Datasheet HTML 265Page - ATMEL Corporation ATmega16U4 Datasheet HTML 266Page - ATMEL Corporation ATmega16U4 Datasheet HTML 267Page - ATMEL Corporation ATmega16U4 Datasheet HTML 268Page - ATMEL Corporation ATmega16U4 Datasheet HTML 269Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 408 page
background image
265
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• 5 – FRZCLK: Freeze USB Clock Bit
Set to disable the clock inputs (the ”Resume Detection” is still active). This reduces the power
consumption. Clear to enable the clock inputs.
• 4 – OTGPADE: VBUS Pad Enable
Set to enable the VBUS pad. Clear to disable the VBUS pad.
Note that this bit can be set/cleared even if USBE=0. That allows the VBUS detection even if the
USB macro is disable.
• 3-1 – Reserved
The value read from these bits is always 0. Do not set these bits.
• 0 – VBUSTE: VBUS Transition Interrupt Enable Bit
Set this bit to enable the VBUS Transition interrupt generation.
Clear this bit to disable the VBUS Transition interrupt generation.
• 7-2 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 1 - ID: ID status
This bit is always read as “1”, it has been conserved for compatibility with AT90USB64/128 (in
which it indicates the value of the OTG ID pin).
• 0 – VBUS: VBus Flag
The value read from this bit indicates the state of the VBUS pin. This bit can be used in device
mode to monitor the USB bus connection state of the application. See Section 21.9, page 263
for more details.
7-1 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 0 – VBUSTI: IVBUS Transition Interrupt Flag
Set by hardware when a transition (high to low, low to high) has been detected on the VBUS
pad.
Shall be cleared by software.
Bit
7654
3
2
1
0
----
-
-
ID
VBUS
USBSTA
Read/Write
R
R
R
R
RRRR
Initial Value
0000
0
0
1
0
Bit
76543210
-------
VBUSTI
USBINT
Read/Write
RRRRRR
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com