Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 260Page - ATMEL Corporation ATmega16U4 Datasheet HTML 261Page - ATMEL Corporation ATmega16U4 Datasheet HTML 262Page - ATMEL Corporation ATmega16U4 Datasheet HTML 263Page - ATMEL Corporation ATmega16U4 Datasheet HTML 264Page - ATMEL Corporation ATmega16U4 Datasheet HTML 265Page - ATMEL Corporation ATmega16U4 Datasheet HTML 266Page - ATMEL Corporation ATmega16U4 Datasheet HTML 267Page - ATMEL Corporation ATmega16U4 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 408 page
background image
264
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Figure 21-13. Plug-in Detection Input Block Diagram
The control logic of the VBUS pad outputs a signal regarding the VBUS voltage level:
• The “Session_valid” signal is active high when the voltage on the UVBUS pad is higher or
equal to 1.4V. If lower than 1.4V, the signal is not active.
• The VBUS status bit is set when “Session_valid” signal is active (VBUS > 1.4V).
• The VBUSTI flag is set each time the VBUS state changes.
• The USB peripheral cannot attach to the bus while VBUS bit is not set.
21.10 Registers description
21.10.1
USB general registers
• 7-1 – Reserved
These bits are reserved. Do not modify these bits.
• 0 – UVREGE: USB pad regulator Enable
Set to enable the USB pad regulator. Clear to disable the USB pad regulator.
• 7 – USBE: USB macro Enable Bit
Set to enable the USB controller. Clear to disable and reset the USB controller, to disable the
USB transceiver and to disable the USB controller clock inputs.
• 6 – Reserved
The value read from these bits is always 0. Do not set these bits.
VBUSTI
USBINT.0
VBUS
VBUS
USBSTA.0
VSS
VDD
Pad logic
Session_valid
Bit
7
6
5
4
321
0
-
-
-
-
-
-
-
UVREGE
UHWCON
Read/Write
R/W
R/W
R
R/W
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
321
0
USBE
-
FRZCLK
OTGPADE
-
-
-
VBUSTE
USBCON
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com