Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 292 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 288Page - ATMEL Corporation ATmega16U4 Datasheet HTML 289Page - ATMEL Corporation ATmega16U4 Datasheet HTML 290Page - ATMEL Corporation ATmega16U4 Datasheet HTML 291Page - ATMEL Corporation ATmega16U4 Datasheet HTML 292Page - ATMEL Corporation ATmega16U4 Datasheet HTML 293Page - ATMEL Corporation ATmega16U4 Datasheet HTML 294Page - ATMEL Corporation ATmega16U4 Datasheet HTML 295Page - ATMEL Corporation ATmega16U4 Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 408 page
background image
292
7766D–AVR–01/09
ATmega16U4/ATmega32U4
When changing the ACIS1/ACIS0 bits, the Analog Comparator Interrupt must be disabled by
clearing its Interrupt Enable bit in the ACSR Register. Otherwise an interrupt can occur when the
bits are changed.
23.1
Analog Comparator Multiplexed Input
It is possible to select any of the ADC13..0 pins to replace the negative input to the Analog Com-
parator. The ADC multiplexer is used to select this input, and consequently, the ADC must be
switched off to utilize this feature. If the Analog Comparator Multiplexer Enable bit (ACME in
ADCSRB) is set and the ADC is switched off (ADEN in ADCSRA is zero), and MUX2..0 in
ADMUX select the input pin to replace the negative input to the Analog Comparator, as shown in
Table 23-2. If ACME is cleared or ADEN is set, the Bandgap reference is applied to the negative
input to the Analog Comparator.
23.1.1
Digital Input Disable Register 1 – DIDR1
• Bit 0 – AIN0D: AIN0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the AIN0 pin is disabled. The corre-
sponding PIN Register bit will always read as zero when this bit is set. When an analog signal is
applied to the AIN0 pin and the digital input from this pin is not needed, this bit should be written
logic one to reduce power consumption in the digital input buffer.
Table 23-2.
Analog Comparator Multiplexed Input
ACME
ADEN
MUX2..0
Analog Comparator Negative Input
0
x
xxx
Bandgap Ref.
1
1
xxx
Bandgap Ref.
1
0
000
ADC0
1
0
001
ADC1
10
010
N/A
10
011
1
0
100
ADC4
1
0
101
ADC5
1
0
110
ADC6
1
0
111
ADC7
Bit
7654
32
1
0
–
–
–
–
–
–
–
AIN0D
DIDR1
Read/Write
RRRR
RR
R
R/W
Initial Value
0000
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com