Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 293 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 289Page - ATMEL Corporation ATmega16U4 Datasheet HTML 290Page - ATMEL Corporation ATmega16U4 Datasheet HTML 291Page - ATMEL Corporation ATmega16U4 Datasheet HTML 292Page - ATMEL Corporation ATmega16U4 Datasheet HTML 293Page - ATMEL Corporation ATmega16U4 Datasheet HTML 294Page - ATMEL Corporation ATmega16U4 Datasheet HTML 295Page - ATMEL Corporation ATmega16U4 Datasheet HTML 296Page - ATMEL Corporation ATmega16U4 Datasheet HTML 297Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 408 page
background image
293
7766D–AVR–01/09
ATmega16U4/ATmega32U4
24. Analog to Digital Converter - ADC
24.1
Features
• 10/8-bit Resolution
• 0.5 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 65 - 260 µs Conversion Time
• Up to 15 kSPS at Maximum Resolution
• Twelve Multiplexed Single-Ended Input Channels
• One Differential amplifier providing gain of 1x - 10x - 40x - 200x
• Temperature sensor
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• Selectable 2.56 V ADC Reference Voltage
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The ATmega16U4/ATmega32U4 features a 10-bit successive approximation ADC. The ADC is
connected to an 12-channel Analog Multiplexer which allows six single-ended voltage inputs
constructed from the pins of Port A, and three others from PortB and three others from PortD.
The single-ended voltage inputs refer to 0V (GND).
The device also supports 32 differential voltage input combinations, thanks to a differential
amplifier equipped with a programmable gain stage, providing amplification steps of 0 dB (1x),
10 dB (10x), 16dB (40x) or 23dB (200x) on the differential input voltage before the A/D conver-
sion. Two differential analog input channels share a common negative terminal (ADC0/ADC1),
while any other ADC input can be selected as the positive input terminal. If 1x, 10x or 40x gain is
used, 8-bit resolution can be expected. If 200x gain is used, 7-bit resolution can be expected.
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 24-1.
The ADC has a separate analog supply voltage pin, AV
CC. AVCC must not differ more than ±
0.3V from V
CC. See the paragraph “ADC Noise Canceler” on page 301 on how to connect this
pin.
Internal reference voltages of nominally 2.56V or AV
CC are provided On-chip. The voltage refer-
ence may be externally decoupled at the AREF pin by a capacitor for better noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com