Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U4 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATmega32U4 Datasheet HTML 67Page - ATMEL Corporation ATmega32U4 Datasheet HTML 68Page - ATMEL Corporation ATmega32U4 Datasheet HTML 69Page - ATMEL Corporation ATmega32U4 Datasheet HTML 70Page - ATMEL Corporation ATmega32U4 Datasheet HTML 71Page - ATMEL Corporation ATmega32U4 Datasheet HTML 72Page - ATMEL Corporation ATmega32U4 Datasheet HTML 73Page - ATMEL Corporation ATmega32U4 Datasheet HTML 74Page - ATMEL Corporation ATmega32U4 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 408 page
background image
71
7766D–AVR–01/09
ATmega16U4/ATmega32U4
10.3.1
MCU Control Register – MCUCR
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the Pin” on page 65 for more details about this feature.
10.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 10-3.
The alternate pin configuration is as follows:
• OC0A/OC1C/PCINT7/RTS, Bit 7
OC0A, Output Compare Match A output: The PB7 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB7 set “one”) to
serve this function. The OC0A pin is also the output pin for the PWM mode timer function.
OC1C, Output Compare Match C output: The PB7 pin can serve as an external output for the
Timer/Counter1 Output Compare C. The pin has to be configured as an output (DDB7 set “one”)
to serve this function. The OC1C pin is also the output pin for the PWM mode timer function.
PCINT7, Pin Change Interrupt source 7: The PB7 pin can serve as an external interrupt source.
RTS: RTS flow control signal used by enhanced UART.
• OC1B/PCINT6/OC.4B/ADC12, Bit 6
Bit
7
6
5
4
3
2
1
0
JTD
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 10-3.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC0A/OC1C/PCINT7/RTS (Output Compare and PWM Output A for
Timer/Counter0, Output Compare and PWM Output C for Timer/Counter1 or Pin
Change Interrupt 7 or UART flow control RTS signal)
PB6
OC1B/PCINT6/OC.4B/ADC13 (Output Compare and PWM Output B for
Timer/Counter1 or Pin Change Interrupt 6 or Timer 4 Output Compare B / PWM
output or Analog to Digital Converter channel 13)
PB5
OC1A/PCINT5/OC.4B/ADC12 (Output Compare and PWM Output A for
Timer/Counter1 or Pin Change Interrupt 5 or Timer 4 Complementary Output
Compare B / PWM output or Analog to Digital Converter channel 12)
PB4
PCINT4/ADC11 (Pin Change Interrupt 4 or Analog to Digital Converter channel 11)
PB3
PDO/MISO/PCINT3 (Programming Data Output or SPI Bus Master Input/Slave
Output or Pin Change Interrupt 3)
PB2
PDI/MOSI/PCINT2 (Programming Data Input or SPI Bus Master Output/Slave Input
or Pin Change Interrupt 2)
PB1
SCK/PCINT1 (SPI Bus Serial Clock or Pin Change Interrupt 1)
PB0
SS/PCINT0 (SPI Slave Select input or Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com