Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U4 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATmega32U4 Datasheet HTML 45Page - ATMEL Corporation ATmega32U4 Datasheet HTML 46Page - ATMEL Corporation ATmega32U4 Datasheet HTML 47Page - ATMEL Corporation ATmega32U4 Datasheet HTML 48Page - ATMEL Corporation ATmega32U4 Datasheet HTML 49Page - ATMEL Corporation ATmega32U4 Datasheet HTML 50Page - ATMEL Corporation ATmega32U4 Datasheet HTML 51Page - ATMEL Corporation ATmega32U4 Datasheet HTML 52Page - ATMEL Corporation ATmega32U4 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 408 page
background image
49
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Figure 8-1.
Reset Logic
Notes:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
8.0.3
Power-on Reset
A Power-on Reset (POR) pulse is generated by an On-chip detection circuit. The detection level
is defined in Table 8-1. The POR is activated whenever V
CC is below the detection level. The
POR circuit can be used to trigger the start-up Reset, as well as to detect a failure in supply
voltage.
A Power-on Reset (POR) circuit ensures that the device is reset from Power-on. Reaching the
Power-on Reset threshold voltage invokes the delay counter, which determines how long the
Table 8-1.
Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold Voltage (rising)
1.4
2.3
V
Power-on Reset Threshold Voltage (falling)
(1)
1.3
2.3
V
VPOR
VCC Start Voltage to ensure internal Power-on
Reset signal
-0.1
+0.1
V
VCCRR
VCC Rise Rate to ensure internal Power_on
Reset signal
0.3
V/ms
VRST
RESET Pin Threshold Voltage
0.2
Vcc
0.85
Vcc
V
tRST
Minimum pulse width on RESET Pin
5V, 25°C
400
ns
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
BODLEVEL [2..0]
Delay Counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
SPIKE
FILTER
Pull-up Resistor
JTAG Reset
Register
Watchdog
Oscillator
SUT[1:0]
Power-on Reset
Circuit
USB Reset
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com