Electronic Components Datasheet Search
  English  ▼

X  

ATmega32U4 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega32U4 Datasheet HTML 24Page - ATMEL Corporation ATmega32U4 Datasheet HTML 25Page - ATMEL Corporation ATmega32U4 Datasheet HTML 26Page - ATMEL Corporation ATmega32U4 Datasheet HTML 27Page - ATMEL Corporation ATmega32U4 Datasheet HTML 28Page - ATMEL Corporation ATmega32U4 Datasheet HTML 29Page - ATMEL Corporation ATmega32U4 Datasheet HTML 30Page - ATMEL Corporation ATmega32U4 Datasheet HTML 31Page - ATMEL Corporation ATmega32U4 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 408 page
background image
28
7766D–AVR–01/09
ATmega16U4/ATmega32U4
6.1.4
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
6.1.5
PLL Prescaler Clock – clk
PllPresc
The PLL requires a 8 MHz input. A prescaler allows user to use either a 8MHz or a 16MHz
source (from a crystal or an external source), using a divider (by 2) if necessary. The output of
the prescaler goes into the PLL Input multiplexer, that allows the user to select either the pres-
caler output of the System Clock Multiplexer, or the Internal 8MHz Calibrated Oscillator.
6.1.6
PLL Output Clock – clk
Pll
When enabled, the PLL outputs one frequency among numerous choices between 32MHz and
96 MHz. The output frequency is determined by the PLL clock register. The frequency is inde-
pendent of the power supply voltage. The PLL Output is connected to a postcaler that allows
user to generate two different frequencies (clk
USB and clkTMR) from the common PLL signal,
each on them resulting of a selected division ratio (/1, /1.5, /2).
6.1.7
High-Speed Timer Clock– clk
TMR
When enabled, the PLL outputs one frequency among numerous choices between 32MHz and
96 MHz, that goes into the PLL Postcaler. The High Speed Timer frequency input is generated
from the PLL Postcaler, that proposes /1, /1.5 and /2 ratios. That can be determined from the
PLL clock register. The High Speed Timer maximum frequency input depends on the power sup-
ply voltage and reaches its maximum of 64 MHz at 5V.
6.1.8
USB Clock – clk
USB
The USB hardware module needs for a 48 MHz clock. This clock is generated from the on-chip
PLL. The output of the PLL passes through the PLL Postcaler where the frequency can be either
divided by 2 or directly connected to the clk
USB signal.
6.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
Table 6-1.
Device Clocking Options Select(1)
Device Clocking Option
CKSEL[3:0]
(or EXCKSEL[3:0])
Low Power Crystal Oscillator
1111 - 1000
Reserved
0111 - 0110
Low Frequency Crystal Oscillator
0101 - 0100
Reserved
0011
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com