Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 290 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 290 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 286Page - ATMEL Corporation ATmega16A Datasheet HTML 287Page - ATMEL Corporation ATmega16A Datasheet HTML 288Page - ATMEL Corporation ATmega16A Datasheet HTML 289Page - ATMEL Corporation ATmega16A Datasheet HTML 290Page - ATMEL Corporation ATmega16A Datasheet HTML 291Page - ATMEL Corporation ATmega16A Datasheet HTML 292Page - ATMEL Corporation ATmega16A Datasheet HTML 293Page - ATMEL Corporation ATmega16A Datasheet HTML 294Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 352 page
background image
290
8154B–AVR–07/09
ATmega16A
26.10.13 Programming Algorithm
All references below of type “1a”, “1b”, and so on, refer to Table 26-14.
26.10.14 Entering Programming Mode
1.
Enter JTAG instruction AVR_RESET and shift 1 in the Reset Register.
2.
Enter instruction PROG_ENABLE and shift 1010_0011_0111_0000 in the Program-
ming Enable Register.
26.10.15 Leaving Programming Mode
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Disable all programming instructions by using no operation instruction 11a.
3.
Enter instruction PROG_ENABLE and shift 0000_0000_0000_0000 in the program-
ming Enable Register.
4.
Enter JTAG instruction AVR_RESET and shift 0 in the Reset Register.
26.10.16 Performing Chip Erase
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Start chip erase using programming instruction 1a.
3.
Poll for Chip Erase complete using programming instruction 1b, or wait for t
WLRH_CE
(refer to Table 27-7 on page 303).
26.10.17 Programming the Flash
Before programming the Flash a Chip Erase must be performed. See “Performing Chip Erase”
on page 290.
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load address High byte using programming instruction 2b.
4.
Load address Low byte using programming instruction 2c.
5.
Load data using programming instructions 2d, 2e and 2f.
6.
Repeat steps 4 and 5 for all instruction words in the page.
7.
Write the page using programming instruction 2g.
8.
Poll for Flash write complete using programming instruction 2h, or wait for t
WLRH (refer
to Table 27-7 on page 303).
9.
Repeat steps 3 to 7 until all data have been programmed.
A more efficient data transfer can be achieved using the PROG_PAGELOAD instruction:
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load the page address using programming instructions 2b and 2c. PCWORD (refer to
Table 26-5 on page 267) is used to address within one page and must be written as 0.
4.
Enter JTAG instruction PROG_PAGELOAD.
5.
Load the entire page by shifting in all instruction words in the page, starting with the
LSB of the first instruction in the page and ending with the MSB of the last instruction in
the page.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Write the page using programming instruction 2g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com