Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 291 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 291 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 287Page - ATMEL Corporation ATmega16A Datasheet HTML 288Page - ATMEL Corporation ATmega16A Datasheet HTML 289Page - ATMEL Corporation ATmega16A Datasheet HTML 290Page - ATMEL Corporation ATmega16A Datasheet HTML 291Page - ATMEL Corporation ATmega16A Datasheet HTML 292Page - ATMEL Corporation ATmega16A Datasheet HTML 293Page - ATMEL Corporation ATmega16A Datasheet HTML 294Page - ATMEL Corporation ATmega16A Datasheet HTML 295Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 352 page
background image
291
8154B–AVR–07/09
ATmega16A
8.
Poll for Flash write complete using programming instruction 2h, or wait for t
WLRH (refer
to Table 27-7 on page 303).
9.
Repeat steps 3 to 8 until all data have been programmed.
26.10.18 Reading the Flash
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash read using programming instruction 3a.
3.
Load address using programming instructions 3b and 3c.
4.
Read data using programming instruction 3d.
5.
Repeat steps 3 and 4 until all data have been read.
A more efficient data transfer can be achieved using the PROG_PAGEREAD instruction:
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash read using programming instruction 3a.
3.
Load the page address using programming instructions 3b and 3c. PCWORD (refer to
Table 26-5 on page 267) is used to address within one page and must be written as 0.
4.
Enter JTAG instruction PROG_PAGEREAD.
5.
Read the entire page by shifting out all instruction words in the page, starting with the
LSB of the first instruction in the page and ending with the MSB of the last instruction in
the page. Remember that the first 8 bits shifted out should be ignored.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Repeat steps 3 to 6 until all data have been read.
26.10.19 Programming the EEPROM
Before programming the EEPROM a Chip Erase must be performed. See “Performing Chip
Erase” on page 290.
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable EEPROM write using programming instruction 4a.
3.
Load address High byte using programming instruction 4b.
4.
Load address Low byte using programming instruction 4c.
5.
Load data using programming instructions 4d and 4e.
6.
Repeat steps 4 and 5 for all data bytes in the page.
7.
Write the data using programming instruction 4f.
8.
Poll for EEPROM write complete using programming instruction 4g, or wait for t
WLRH
(refer to Table 27-7 on page 303).
9.
Repeat steps 3 to 8 until all data have been programmed.
Note that the PROG_PAGELOAD instruction can not be used when programming the EEPROM
26.10.20 Reading the EEPROM
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable EEPROM read using programming instruction 5a.
3.
Load address using programming instructions 5b and 5c.
4.
Read data using programming instruction 5d.
5.
Repeat steps 3 and 4 until all data have been read.
Note that the PROG_PAGEREAD instruction can not be used when reading the EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com