Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 295 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 295 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 291Page - ATMEL Corporation ATmega16A Datasheet HTML 292Page - ATMEL Corporation ATmega16A Datasheet HTML 293Page - ATMEL Corporation ATmega16A Datasheet HTML 294Page - ATMEL Corporation ATmega16A Datasheet HTML 295Page - ATMEL Corporation ATmega16A Datasheet HTML 296Page - ATMEL Corporation ATmega16A Datasheet HTML 297Page - ATMEL Corporation ATmega16A Datasheet HTML 298Page - ATMEL Corporation ATmega16A Datasheet HTML 299Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 352 page
background image
295
8154B–AVR–07/09
ATmega16A
27.3
Speed Grades
Figure 27-1. Maximum Frequency vs V
CC.
27.4
Clock Characteristics
27.4.1
External Clock Drive Waveforms
Figure 27-2. External Clock Drive Waveforms
27.4.2
External Clock Drive
2.7V
4.5V
5.5V
Safe Operating Area
16 MHz
8 MHz
VIL1
VIH1
Figure 27-3. External Clock Drive(1)
Symbol
Parameter
VCC = 2.7V to 5.5VVCC = 4.5V to 5.5V
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
8
0
16
MHz
tCLCL
Clock Period
125
62.5
ns
tCHCX
High Time
50
25
ns
tCLCX
Low Time
50
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com