Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 292 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 288Page - ATMEL Corporation ATmega16A Datasheet HTML 289Page - ATMEL Corporation ATmega16A Datasheet HTML 290Page - ATMEL Corporation ATmega16A Datasheet HTML 291Page - ATMEL Corporation ATmega16A Datasheet HTML 292Page - ATMEL Corporation ATmega16A Datasheet HTML 293Page - ATMEL Corporation ATmega16A Datasheet HTML 294Page - ATMEL Corporation ATmega16A Datasheet HTML 295Page - ATMEL Corporation ATmega16A Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 352 page
background image
292
8154B–AVR–07/09
ATmega16A
26.10.21 Programming the Fuses
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse write using programming instruction 6a.
3.
Load data High byte using programming instructions 6b. A bit value of “0” will program
the corresponding fuse, a “1” will unprogram the fuse.
4.
Write Fuse High byte using programming instruction 6c.
5.
Poll for Fuse write complete using programming instruction 6d, or wait for t
WLRH (refer to
Table 27-7 on page 303).
6.
Load data Low byte using programming instructions 6e. A “0” will program the fuse, a
“1” will unprogram the fuse.
7.
Write Fuse Low byte using programming instruction 6f.
8.
Poll for Fuse write complete using programming instruction 6g, or wait for t
WLRH (refer to
Table 27-7 on page 303).
26.10.22 Programming the Lock Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Lock bit write using programming instruction 7a.
3.
Load data using programming instructions 7b. A bit value of “0” will program the corre-
sponding Lock bit, a “1” will leave the Lock bit unchanged.
4.
Write Lock bits using programming instruction 7c.
5.
Poll for Lock bit write complete using programming instruction 7d, or wait for t
WLRH (refer
to Table 27-7 on page 303).
26.10.23 Reading the Fuses and Lock Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse/Lock bit read using programming instruction 8a.
3.
To read all Fuses and Lock bits, use programming instruction 8e.
To only read Fuse High byte, use programming instruction 8b.
To only read Fuse Low byte, use programming instruction 8c.
To only read Lock bits, use programming instruction 8d.
26.10.24 Reading the Signature Bytes
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Signature byte read using programming instruction 9a.
3.
Load address $00 using programming instruction 9b.
4.
Read first signature byte using programming instruction 9c.
5.
Repeat steps 3 and 4 with address $01 and address $02 to read the second and third
signature bytes, respectively.
26.10.25 Reading the Calibration Byte
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Calibration byte read using programming instruction 10a.
3.
Load address $00 using programming instruction 10b.
4.
Read the calibration byte using programming instruction 10c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com