Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 293 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 289Page - ATMEL Corporation ATmega16A Datasheet HTML 290Page - ATMEL Corporation ATmega16A Datasheet HTML 291Page - ATMEL Corporation ATmega16A Datasheet HTML 292Page - ATMEL Corporation ATmega16A Datasheet HTML 293Page - ATMEL Corporation ATmega16A Datasheet HTML 294Page - ATMEL Corporation ATmega16A Datasheet HTML 295Page - ATMEL Corporation ATmega16A Datasheet HTML 296Page - ATMEL Corporation ATmega16A Datasheet HTML 297Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 352 page
background image
293
8154B–AVR–07/09
ATmega16A
27. Electrical Characteristics
27.1
Absolute Maximum Ratings*
27.2
DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................. 200.0mA PDIP and
400.0mA TQFP/MLF
T
A = -40°C to 85°C, VCC = 2.7V to 5.5V (Unless Otherwise Noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage except
XTAL1 and RESET pins
VCC=2.7 - 5.5
-0.5
0.2 V
CC
(1)
V
VIH
Input High Voltage except
XTAL1 and RESET pins
VCC=2.7 - 5.5
0.6 V
CC
(2)
V
CC +0.5
V
VIH1
Input High Voltage
XTAL1 pin
VCC=2.7 - 5.5
0.7 V
CC
(2)
V
CC +0.5
V
VIL1
Input Low Voltage
XTAL1 pin
VCC=2.7 - 5.5
-0.5
0.1 V
CC
(1)
V
VIH2
Input High Voltage
RESET pin
VCC=2.7 - 5.5
0.9 V
CC
(2)
V
CC +0.5
V
VIL2
Input Low Voltage
RESET pin
VCC=2.7 - 5.5
-0.5
0.2 V
CC
V
VOL
Output Low Voltage(3)
(Ports A,B,C,D)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.7
0.5
V
V
VOH
Output High Voltage(4)
(Ports A,B,C,D)
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.2
2.2
V
V
IIL
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
85
k
Ω
Rpu
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com