Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 296 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 296 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 292Page - ATMEL Corporation ATmega16A Datasheet HTML 293Page - ATMEL Corporation ATmega16A Datasheet HTML 294Page - ATMEL Corporation ATmega16A Datasheet HTML 295Page - ATMEL Corporation ATmega16A Datasheet HTML 296Page - ATMEL Corporation ATmega16A Datasheet HTML 297Page - ATMEL Corporation ATmega16A Datasheet HTML 298Page - ATMEL Corporation ATmega16A Datasheet HTML 299Page - ATMEL Corporation ATmega16A Datasheet HTML 300Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 352 page
background image
296
8154B–AVR–07/09
ATmega16A
Note:
1. Refer to “External Clock” on page 30 for details.
Notes:
1. R should be in the range 3 k
Ω - 100 kΩ, and C should be at least 20 pF.
2. The frequency will vary with package type and board layout.
27.5
System and Reset Characteristics
Notes:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling).
tCLCH
Rise Time
1.6
0.5
μs
tCHCL
Fall Time
1.6
0.5
μs
Δt
CLCL
Change in period from
one clock cycle to the
next
22
%
Table 27-1.
External RC Oscillator, Typical Frequencies (V
CC = 5)
R [k
Ω](1)
C [pF]
f(2)
33
22
650 kHz
10
22
2.0 MHz
Figure 27-3. External Clock Drive
(1) (Continued)
Symbol
Parameter
VCC = 2.7V to 5.5VVCC = 4.5V to 5.5V
Units
Min
Max
Min
Max
Table 27-2.
Reset, Brown-out and Internal Voltage ReferenceCharacteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold
Voltage (rising)
1.4
2.3
V
Power-on Reset Threshold
Voltage (falling)(1)
1.3
2.3
V
VRST
RESET Pin Threshold
Voltage
0.1 V
CC
0.9V
CC
V
tRST
Minimum pulse width on
RESET Pin
1.5
µs
VBOT
Brown-out Reset Threshold
Voltage(2)
BODLEVEL = 1
2.5
2.7
3.2
V
BODLEVEL = 0
3.6
4.0
4.5
tBOD
Minimum low voltage period
for Brown-out Detection
BODLEVEL = 1
2
µs
BODLEVEL = 0
2
µs
VHYST
Brown-out Detector
hysteresis
50
mV
VBG
Bandgap reference voltage
1.15
1.23
1.4
V
tBG
Bandgap reference start-up
time
40
70
µs
IBG
Bandgap reference current
consumption
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com