Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 242 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 242 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 238Page - ATMEL Corporation ATmega644PA Datasheet HTML 239Page - ATMEL Corporation ATmega644PA Datasheet HTML 240Page - ATMEL Corporation ATmega644PA Datasheet HTML 241Page - ATMEL Corporation ATmega644PA Datasheet HTML 242Page - ATMEL Corporation ATmega644PA Datasheet HTML 243Page - ATMEL Corporation ATmega644PA Datasheet HTML 244Page - ATMEL Corporation ATmega644PA Datasheet HTML 245Page - ATMEL Corporation ATmega644PA Datasheet HTML 246Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 468 page
background image
242
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
22. ADC - Analog-to-digital Converter
22.1
Features
• 10-bit Resolution
• 0.5 LSB Integral Non-linearity
• ±2 LSB Absolute Accuracy
• 13 - 260 µs Conversion Time
• Up to 15 kSPS at Maximum Resolution
• 8 Multiplexed Single Ended Input Channels
• Differential mode with selectable gain at 1x, 10x or 200x
• Optional Left adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• 2.7 - V
CC Differential ADC Voltage Range
• Selectable 2.56V or 1.1V ADC Reference Voltage
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
Note:
1. The differential input channels are not tested for devices in PDIP Package. This feature is only
guaranteed to work for devices in TQFP, VQFN/QFN/MLF, VFBGA and DRQFN Packages.
22.2
Overview
The ATmega164PA/324PA/644PA/1284P features a 10-bit successive approximation ADC. The
ADC is connected to an 8-channel Analog Multiplexer which allows 8 single-ended voltage
inputs constructed from the pins of Port A. The single-ended voltage inputs refer to 0V (GND).
The device also supports 16 differential voltage input combinations. Two of the differential inputs
(ADC1, ADC0 and ADC3, ADC2) are equipped with a programmable gain stage. This provides
amplification steps of 0 dB (1x), 20 dB (10x), or 46 dB (200x) on the differential input voltage
before the A/D conversion. Seven differential analog input channels share a common negative
terminal (ADC1), while any other ADC input can be selected as the positive input terminal. If 1x
or 10x gain is used, 8-bit resolution can be expected. If 200x gain is used, 6-bit resolution can be
expected. Note that internal references of 1.1V should not be used on 10x and 200x gain.
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 22-1
on page 243.
The ADC has a separate analog supply voltage pin, AVCC. AVCC must not differ more than
±0.3 V from V
CC. See the paragraph ”ADC Noise Canceler” on page 250 on how to connect this
pin.
Internal reference voltages of nominally 1.1V, 2.56V or AVCC are provided On-chip. The voltage
reference may be externally decoupled at the AREF pin by a capacitor for better noise perfor-
mance. If V
CC is below 2.1V, internal voltage reference of 1.1V should not be used on single
ended channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com