Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 243 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 239Page - ATMEL Corporation ATmega644PA Datasheet HTML 240Page - ATMEL Corporation ATmega644PA Datasheet HTML 241Page - ATMEL Corporation ATmega644PA Datasheet HTML 242Page - ATMEL Corporation ATmega644PA Datasheet HTML 243Page - ATMEL Corporation ATmega644PA Datasheet HTML 244Page - ATMEL Corporation ATmega644PA Datasheet HTML 245Page - ATMEL Corporation ATmega644PA Datasheet HTML 246Page - ATMEL Corporation ATmega644PA Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 468 page
background image
243
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Figure 22-1. Analog-to-digital Converter Block Schematic
22.3
Operation
The ADC converts an analog input voltage to a 10-bit digital value through successive approxi-
mation. The minimum value represents GND and the maximum value represents the voltage on
the AREF pin minus 1 LSB. Optionally, AVCC or an internal 2.56V reference voltage may be
connected to the AREF pin by writing to the REFSn bits in the ADMUX Register. The internal
voltage reference may thus be decoupled by an external capacitor at the AREF pin to improve
noise immunity.
The analog input channel and differential gain are selected by writing to the MUX bits in
ADMUX. Any of the ADC input pins, as well as GND and a fixed bandgap voltage reference, can
be selected as single ended inputs to the ADC. A selection of ADC input pins can be selected as
positive and negative inputs to the differential gain amplifier.
ADC CONVERSION
COMPLETE IRQ
8-BIT DATABUS
15
0
SAMPLE & HOLD
COMPARATOR
INTERNAL
REFERENCE
(1.1V/2.56V)
AVCC
ADC
MULTIPLEXER
OUTPUT
GAIN
AMPLIFIER
AREF
BANDGAP (1.1V)
REFERENCE
GND
CONVERSION LOGIC
ADC CTRL & STATUS
REGISTER B (ADCSRB)
ADC CTRL & STATUS
REGISTER A (ADCSRA)
PRESCALER
ADC MULTIPLEXER
SELECT (ADMUX)
MUX DECODER
ADC DATA REGISTER
(ADCH/ADCL)
ADC[2:0]
TRIGGER
SELECT
START
INTERRUPT
FLAGS
ADTS[2:0]
+
-
NEG
INPUT
MUX
POS
INPUT
MUX
ADC[7:0]
+
-
10-bit DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com