Electronic Components Datasheet Search
  English  ▼

X  

ATA6833 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6833
Description  BLDC Motor Driver and LIN System Basis Chip
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6833 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6833 Datasheet HTML 1Page - ATMEL Corporation ATA6833 Datasheet HTML 2Page - ATMEL Corporation ATA6833 Datasheet HTML 3Page - ATMEL Corporation ATA6833 Datasheet HTML 4Page - ATMEL Corporation ATA6833 Datasheet HTML 5Page - ATMEL Corporation ATA6833 Datasheet HTML 6Page - ATMEL Corporation ATA6833 Datasheet HTML 7Page - ATMEL Corporation ATA6833 Datasheet HTML 8Page - ATMEL Corporation ATA6833 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
9122D–AUTO–09/09
ATA6833/ATA6834 [Preliminary]
Figure 1-1.
Block Diagram
Supervisor:
Short Circuit
Overtemperature
Undervoltage
CP
VBATSW VINT
VBAT
VBAT
PBAT
VG
LIN
EN1
CPLO2
CPLO1
CPOUT
CPHI2
CPHI1
CC
Timer
WD
Timer
VBG
LIN
Hall A
Hall B
Hall C
ATA6833/34
Logic Control
Oscillator
VINT 5V
Regulator
13V
Regulator
High-side
Driver 1
High-side
Driver 2
High-side
Driver 3
3.3/5V VCC
Regulator
Low-side
Driver 3
Low-side
Driver 2
Low-side
Driver 1
L2
L1
L3
VMODE
H2
H3
DG3
/RESET
DG2
DG1
WD
IH1-3
IL1-3
TX
RX
VCC
H1
S2
S3
S1
RWD WDD
GND
EN2
PGND
M
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com