Electronic Components Datasheet Search
  English  ▼

X  

ATA6833 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6833
Description  BLDC Motor Driver and LIN System Basis Chip
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6833 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6833 Datasheet HTML 17Page - ATMEL Corporation ATA6833 Datasheet HTML 18Page - ATMEL Corporation ATA6833 Datasheet HTML 19Page - ATMEL Corporation ATA6833 Datasheet HTML 20Page - ATMEL Corporation ATA6833 Datasheet HTML 21Page - ATMEL Corporation ATA6833 Datasheet HTML 22Page - ATMEL Corporation ATA6833 Datasheet HTML 23Page - ATMEL Corporation ATA6833 Datasheet HTML 24Page - ATMEL Corporation ATA6833 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
9122D–AUTO–09/09
ATA6833/ATA6834 [Preliminary]
8.9
Output peak current at pins
Hx (switched from low to
high
VHx – VSx = 0V;
V
VBAT = 7V – 20V
C = 10 nF
R = 1
Ω
I
HxH,
–200
mA
C
8.10
Output peak current at pins
Hx (switched from high to
low)
V
Hx – VSx = 10V;
V
VBAT = 7 – 20V
C = 10 nF
R = 1
Ω
I
HxL
200
mA
C
8.11
Output peak current at pins
Hx (switched from low to
high
V
Lx = 0V;
V
VBAT = 7 – 20V
C = 10 nF
R = 1
Ω
I
LxH,
–200
mA
C
8.12
Output peak current at pins
Hx (switched from high to
low)
V
LX = 10V;
V
VBAT = 7 – 20V
C = 10 nF
R = 1
Ω
I
LxL
200
mA
C
8.13
Output voltage low level
pins Hx
V
Sx = 0V
I
Hx = 1 mA
VHxL
0.3
V
A
8.14
Output voltage high level
pins Hx
I
Hx = –100 µA
V
HxHstat
V
VCPOUT
– 1V
V
VCPOUT
VA
8.15
Sink resistance between Hx
and Sx
R
Hxsink
45
75
115
k
Ω
A
8.16
Sink resistance between Sx
and GND
Sx to
GND
RSxsink
1M
Ω
D
Dynamic Parameters
8.17
Propagation delay time,
low-side driver from high to
low
tLxHL
0.9
µs
A
8.18
Propagation delay time,
low-side driver from low to
high
tLxLH
0.9
µs
A
8.19 Fall time low-side driver
VVBAT = 13.5V
C
Gx = 5 nF
tLxf
0.3
µs
A
8.20 Rise time low-side driver
V
VBAT = 13.5V
CGx = 5 nF
tLxr
0.3
µs
A
8.21
Propagation delay time,
high-side driver from high
to low
tHxHL
0.9
µs
A
8.22
Propagation delay time,
high-side driver from low to
high
tHxLH
0.9
µs
A
8.23 Fall time high-side driver
V
VBAT = 13.5V,
C
Gx = 5 nF
tHxf
0.2
µs
A
8.24 Rise time high-side driver
V
VBAT = 13.5V,
CGx = 5 nF
t
Hxr
0.2
µs
A
8.
Electrical Characteristics (Continued)
All parameters given are valid for 5.5V
≤ V
VBAT ≤ 18V and for –40°C ≤ TJ ≤ 150°C (200°C) unless stated otherwise. All values refer to PIN
GND. [xxx] Values for the ATA6834.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com