Electronic Components Datasheet Search
  English  ▼

X  

ATA6871 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6871
Description  Li-ion Battery Management Monitoring Emergency and Backup Circuit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6871 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6871 Datasheet HTML 9Page - ATMEL Corporation ATA6871 Datasheet HTML 10Page - ATMEL Corporation ATA6871 Datasheet HTML 11Page - ATMEL Corporation ATA6871 Datasheet HTML 12Page - ATMEL Corporation ATA6871 Datasheet HTML 13Page - ATMEL Corporation ATA6871 Datasheet HTML 14Page - ATMEL Corporation ATA6871 Datasheet HTML 15Page - ATMEL Corporation ATA6871 Datasheet HTML 16Page - ATMEL Corporation ATA6871 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
9123B–AUTO–07/09
ATA6871 [Preliminary]
7.4
ATA6871 Configuration
7.4.1
Device Position
The ATA6871 can be cascaded up to 16 times in one string. The input pins CHIPONE and
CHIPLAST define the first and the last IC in a string.
7.4.2
Number of Cells Configuration
The ATA6871 can work with either four, five, or six cells. This can be programmed with the input
pins CONF0 and CONF1. When used with 5 cells, the inputs MBAT5 and 6 must be connected
together, when used with 4 cells the inputs MBAT4, MBAT5 and MBAT6 must be connected
together (see also Figure 7-3 to Figure 7-5).
Table 7-5.
Electrical Characteristics
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
4.1
Overtemperature
detection on threshold
TEMP_IN
V
TEMP_IN
VDD/2 –
100 mV
VDD/2
VDD/2 +
100 mV
VA
4.2
Overtemperature
detection off threshold
TEMP_IN
VTEMP_IN
VDD/2 –
50 mV
VDD/2 +
50 mV
VDD/2 +
150 mV
VA
4.3
Overtemperature
detection hysteresis
TEMP_IN
ΔV
TEMP_IN
30
mV
A
4.4
Resistor Divider
RDivider =
R
NTC + RRref
3
1000
k
Ω
D
4.5
Input Current
V
TEMP_IN=1.65V
TEMP_IN
I
TEMP_IN
0.4
0.6
µA
A
4.6
Debouncing Time
t
Debounce
13
s
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Table 7-6.
Device Position
CHIPONE
CHIPLAST
Configuration
0
0
ICs between the first and the last IC (up to 14 ICs)
0
1
Last cascaded chip, connected to power down optocoupler
1
0
First chip in a string (master)
1
1
First and last chip: (if only one IC is used per string)
Table 7-7.
Cells Configuration
CONF1
CONF0
Configuration
Notes
0
0
4 cells configuration
Over/undervoltage comparators
between MBAT4,5 and MBAT6 are
disabled
0
1
5 cells configuration
Over/undervoltage comparator
between MBAT5 and MBAT6 is
disabled
1
0
Do not use, reserved for test purposes
1
1
6 cells configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com