Electronic Components Datasheet Search
  English  ▼

X  

ATA6871 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6871
Description  Li-ion Battery Management Monitoring Emergency and Backup Circuit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6871 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6871 Datasheet HTML 1Page - ATMEL Corporation ATA6871 Datasheet HTML 2Page - ATMEL Corporation ATA6871 Datasheet HTML 3Page - ATMEL Corporation ATA6871 Datasheet HTML 4Page - ATMEL Corporation ATA6871 Datasheet HTML 5Page - ATMEL Corporation ATA6871 Datasheet HTML 6Page - ATMEL Corporation ATA6871 Datasheet HTML 7Page - ATMEL Corporation ATA6871 Datasheet HTML 8Page - ATMEL Corporation ATA6871 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
9123B–AUTO–07/09
ATA6871 [Preliminary]
2.
Block Diagram
Figure 2-1.
Top-level Block Diagram
Cell 6:
Over-voltage
Under-voltage
Detection
UV
OV
RC-OSC
Over-
temperature
comparator
Cell 1:
Over-voltage
Under-voltage
Detection
UV
OV
MBAT2
VDD
NTC
SCANMODE
ENUV
TEST_LV
CLK
TEST_HV
VDDHV
PD_N_OUT
CHIPLAST
CONF0
CONF1
CHIPONE
VDD
STATUS
STATUS_IN
PD_N
TEMP_IN
MBAT1
MBAT7
MBAT6
6
Chip
Configuration
3.3V Internal
Voltage Regulator
6
4 Input OR
Internal Biasing
To ATA6871
below
To ATA6871
above
Test
BIASRES
Standby Control
Self test
OROUT_IN
OROUT
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com