Electronic Components Datasheet Search
  English  ▼

X  

ATA6871 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6871
Description  Li-ion Battery Management Monitoring Emergency and Backup Circuit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6871 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6871 Datasheet HTML 14Page - ATMEL Corporation ATA6871 Datasheet HTML 15Page - ATMEL Corporation ATA6871 Datasheet HTML 16Page - ATMEL Corporation ATA6871 Datasheet HTML 17Page - ATMEL Corporation ATA6871 Datasheet HTML 18Page - ATMEL Corporation ATA6871 Datasheet HTML 19Page - ATMEL Corporation ATA6871 Datasheet HTML 20Page - ATMEL Corporation ATA6871 Datasheet HTML 21Page - ATMEL Corporation ATA6871 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
9123B–AUTO–07/09
ATA6871 [Preliminary]
7.6
Digital Inputs and Outputs
7.6.1
Digital Output Characteristics
If the ATA6871 is configured as first IC (master) in a string (CHIPONE = 1, CHIPLAST = 0 or 1),
the output OROUT acts as a push-pull output, the output STATUS as an open drain output. If
the ATA6871 is configured to be a stacked IC (CHIPONE = 0, CHIPLAST = 0 or 1), the output
signals STATUS and OROUT coming from the upper IC need to be transferred to the STATUS
and OROUT output of the master in the string via the STATUS_IN and OROUT_IN inputs. In this
case the OROUT and STATUS outputs act as level shifters based on current sources.
7.6.2
Digital Input Characteristics
Table 7-10.
Digital Output Characteristics (OROUT, STATUS)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
7.1
High-level output voltage
Iout = –5 mA
CHIPONE = 1
OROUT
V
OROUT,
0.8
×
VDD
VA
7.2
Low-level output voltage
Iout = +5 mA
CHIPONE = 1
OROUT,
STATUS
VOROUT,
V
STATUS
0.2
×
VDD
VA
7.3
Low-level output current
Vout = –0.3V to +0.3V,
CHIPONE = 0
OROUT,
STATUS
IOROUT, ISTATUS
–13
–8
µA
A
7.4
High-level output current
Vout = –0.3V to +0.3V,
CHIPONE = 0
OROUT,
STATUS
I
OROUT, ISTATUS
–65
–44
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Table 7-11.
Digital Input Characteristics (OROUT_IN, STATUS_IN)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
8.1
Low-level input current
(VDDHV + 1.4V)
±300 mV
OROUT_IN,
STATUS_IN
IOROUT_IN,
I
STATUS_IN
15
µA
A
8.2
High-level input current
(VDDHV + 1.4V)
±300 mV
OROUT_IN,
STATUS_IN
I
OROUT_IN,
ISTATUS_IN
42
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com