Electronic Components Datasheet Search
  English  ▼

X  

SRB232 Datasheet(PDF) 2 Page - TEMEX

Part # SRB232
Description  Ultra Low Noise SAW Oscillator @ 320 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRB232 Datasheet(HTML) 2 Page - TEMEX

  SRB232 Datasheet HTML 1Page - TEMEX SRB232 Datasheet HTML 2Page - TEMEX SRB232 Datasheet HTML 3Page - TEMEX SRB232 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SR B232
Ultra Low Noise SAW Oscillator @ 320 MHz
Specifications Rev. A2
July, 2009
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
1
S A W
P r o d u c t s
Features
Ultra Low Noise (ULN), Oven Controlled, Voltage Controlled, SAW Oscillator (OCVCSO)
Output frequency:
320 MHz
Ultra low phase noise:
- 170 dBc/Hz @ 10 kHz offset (typical)
- 178 dBc/Hz noise floor (typical)
Frequency fine tuning by temperature control of the oven
Operating temperature range :
[0 to + 50°C]
Environment:
shelters, stabilized platforms
Grade B packaging:
95 x 76 x 23 mm [3.75 x 3 x .92 “]
SMA connector for the frequency output + 2 feedthrus for DC supply and VControl
Nota: Typical phase noise of one oscillator measured with the new DCNTS from Aeroflex
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
0
+ 50
Storage temperature range
°C
- 40
+ 85
Typical phase
noise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com