Electronic Components Datasheet Search
  English  ▼

X  

SRB232 Datasheet(PDF) 3 Page - TEMEX

Part # SRB232
Description  Ultra Low Noise SAW Oscillator @ 320 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRB232 Datasheet(HTML) 3 Page - TEMEX

  SRB232 Datasheet HTML 1Page - TEMEX SRB232 Datasheet HTML 2Page - TEMEX SRB232 Datasheet HTML 3Page - TEMEX SRB232 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SR B232
Ultra Low Noise SAW Oscillator @ 320 MHz
Specifications Rev. A2
July, 2009
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
2
S A W
P r o d u c t s
Mechanical characteristics
Package:
•
Machined, shielded enclosure
•
SMA connector & feedthru solder pins
Foot-print:
•
96 x 77 mm max.
•
[3.75 x 3 inch]
Height:
•
23.3 mm max.
•
[0.916 inch]
Pin description
Pin number
Type
Label
Function
1
Feedthru
NA
NC
2
Feedthru + Ground (inside)
DC Supply voltage
Oscillator & oven power supply
3
Female SMA
Frequency output
Frequency output
4
Feedthru + Ground (outside)
Voltage control
Voltage control for electrical tuning
5
Feedthru
NA
NC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com