Electronic Components Datasheet Search
  English  ▼

X  

SRB232 Datasheet(PDF) 4 Page - TEMEX

Part # SRB232
Description  Ultra Low Noise SAW Oscillator @ 320 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRB232 Datasheet(HTML) 4 Page - TEMEX

  SRB232 Datasheet HTML 1Page - TEMEX SRB232 Datasheet HTML 2Page - TEMEX SRB232 Datasheet HTML 3Page - TEMEX SRB232 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SR B232
Ultra Low Noise SAW Oscillator @ 320 MHz
Specifications Rev. A2
July, 2009
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
3
S A W
P r o d u c t s
Technical Characteristics
Block diagram
Frequency
Output
Voltage
Control
SR B232
DC Supply
voltage
Ground
Vc
0/Vc
Case
Oven
PS
BPF
Phase
shifter
SAW Res.
VDC
VDC
VDC
Electrical specifications
Electrical parameter
Test conditions
Unit
Min.
Typical
Max.
Frequency output
Pin 3, 50
Ω
Ω
Ω
Ω load
Nominal frequency = Fn
Definition
MHz
320
Output level
Pin 4 NC
dBm
11.5
12.5
13.5
Harmonics suppression
Second & third harmonics
dBc
- 30
Phase noise @ 1 kHz offset
dBc/Hz
- 145
- 142
Phase noise @ 10 kHz offset
dBc/Hz
- 170
- 167
Phase noise @ 100 kHz offset
dBc/Hz
- 175
- 172
Phase noise floor
Two SRB232 as DUT & reference,
phase noise is the sum of both
oscillators
Test bench: Aeroflex PN9000
(noise floor limited to -175 dBc/Hz)
dBc/Hz
- 178
- 175
VSWR
320 MHz+/- 10 MHz
-
2:1
Free running mode
Pin 4 NC
Factory set accuracy
@ 25 °C
ppm
±±±± 0.1
±±±± 0.5
Temperature stability
Referenced to Fn
ppm
±±±± 2
Aging per year
After 30 days continuous operation
ppm
±±±± 1
Electrical tuning
Pin 4, 0
Ω
Ω
Ω
Ω source
Voltage range
V
2
7
Relative tuning range
Referenced to Fn
ppm
±±±± 4
Slope
Within tuning range
ppm / V
+1.5
+2
+3
Supply voltage
Pin 2
Voltage range
VDC
11.8
12
12.2
Power supply ripple
Within [1 kHz to 5 MHz]
mVpp
10
Supply current
Warm-up
mA
700
Supply current
@ + 25°C after warm-up time
mA
270
3 50
Warm up time
frequency accuracy < 4 ppm
mn
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com