Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 5Page - Linear Technology LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology LTM2882 Datasheet HTML 10Page - Linear Technology LTM2882 Datasheet HTML 11Page - Linear Technology LTM2882 Datasheet HTML 12Page - Linear Technology LTM2882 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTM2882
9
2882p
LOGIC SIDE
R2OUT (Pin A1): Channel 2 RS232 Inverting Receiver
Output. Controlled through isolation barrier from receiver
input R2IN. Under the condition of an isolation communi-
cation failure R2OUT is in a high impedance state.
T2IN (Pin A2): Channel 2 RS232 Inverting Driver Input.
A logic low on this input generates a high on isolated
output T2OUT. A logic high on this input generates a low
on isolated output T2OUT. Do not float.
R1OUT (Pin A3): Channel 1 RS232 Inverting Receiver
Output. Controlled through isolation barrier from receiver
input R1IN. Under the condition of an isolation communi-
cation failure R1OUT is in a high impedance state.
T1IN (Pin A4): Channel 1 RS232 Inverting Driver Input.
A logic low on this input generates a high on isolated
output T1OUT. A logic high on this input generates a low
on isolated output T1OUT. Do not float.
DIN (Pin A5): General Purpose Non-Inverting Logic Input.
A logic high on DIN generates a logic high on isolated
output DOUT. A logic low on DIN generates a logic low
on isolated output DOUT. Do not float.
ON (Pin A6): Enable. Enables power and data communica-
tion through the isolation barrier. If ON is high the part is
enabled and power and communications are functional to
the isolated side. If ON is low the logic side is held in reset
and the isolated side is unpowered. Do not float.
VL (Pin A7): Logic Supply. Interface supply voltage for
pins DIN, R2OUT, T2IN, R1OUT, T1IN, and ON. Operating
voltage is 1.62V to 5.5V.
VCC (Pins A8, B7-B8): Supply Voltage. Operating volt-
age is 3.0V to 3.6V for LTM2882-3, and 4.5V to 5.5V for
LTM2882-5.
GND (Pins B1-B6): Circuit Ground.
ISOLATED SIDE
GND2 (Pins K1-K7): Isolated Side Circuit Ground. These
pads should be connected to the isolated ground and/or
cable shield.
VCC2 (Pins K8, L7-L8): Isolated Supply Voltage Output.
Internally generated from VCC by an isolated DC/DC con-
verter and regulated to 5V. Supply voltage for pins R1IN,
R2IN, DE, and DOUT.
R2IN (Pin L1): Channel 2 RS232 Inverting Receiver Input.
A low on isolated input R2IN generates a logic high on
R2OUT. A high on isolated input R2IN generates a logic
low on R2OUT. Impedance is nominally 5kΩ in receive
mode or unpowered.
T2OUT (Pin L2): Channel 2 RS232 Inverting Driver
Output. Controlled through isolation barrier from driver
input T2IN. High impedance when the driver is disabled
(DE pin is low).
R1IN (Pin L3): Channel 1 RS232 Inverting Receiver Input.
A low on isolated input R1IN generates a logic high on
R1OUT. A high on isolated input R1IN generates a logic
low on R1OUT. Impedance is nominally 5kΩ in receive
mode or unpowered.
T1OUT (Pin L4): Channel 1 RS232 Inverting Driver
Output. Controlled through isolation barrier from driver
input T1IN. High impedance when the driver is disabled
(DE pin is low).
DOUT (Pin L5): General Purpose Non-Inverting Logic
Output. Logic output connected through isolation barrier
to DIN.
DE (Pin L6): Driver Output Enable. A low input forces
both RS232 driver outputs, T1OUTand T2OUT, into a high
impedance state. A high input enables both RS232 driver
outputs. Do not float.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com