Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 1 Page - Linear Technology

  LTM2882 Datasheet HTML 1Page - Linear Technology LTM2882 Datasheet HTML 2Page - Linear Technology LTM2882 Datasheet HTML 3Page - Linear Technology LTM2882 Datasheet HTML 4Page - Linear Technology LTM2882 Datasheet HTML 5Page - Linear Technology LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Electrical Specifications Subject to Change
LTM2882
1
2882p
TYPICAL APPLICATION
DESCRIPTION
Dual Isolated RS232
µModule Transceiver + Power
The LTM®2882 is a complete galvanically isolated dual
RS232 μModule®transceiver. No external components are
required. A single 3.3V or 5V supply powers both sides
of the interface through an integrated, isolated DC/DC
converter. A logic supply pin allows easy interfacing with
different logic levels from 1.62V to 5.5V, independent of
the main supply.
Coupled inductors and an isolation power transformer
provide 2500VRMS of isolation between the line transceiver
and the logic interface. This device is ideal for systems
with different grounds, allowing for large common mode
voltages. Uninterrupted communication is guaranteed for
common mode transients greater than 30kV/μs.
This part is compatible with the TIA/EIA-232-F standard.
Driver outputs are protected from overload and can be
shorted to ground or up to ±15V without damage. An
auxiliary isolated digital channel is available. This channel
allows configuration for half-duplex operation by control-
ling the DE pin.
Enhanced ESD protection allows this part to withstand up
to ±10kV (human body model) on the transceiver interface
pins to isolated supplies and across the isolation barrier
to logic supplies without latchup or damage.
L, LT, LTC, LTM, Linear Technology, the Linear logo and μModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Isolated Dual RS232 μModule Transceiver
FEATURES
APPLICATIONS
n Isolator μModule Technology
n Isolated Dual RS232 Transceiver: 2500VRMS
n Integrated Isolated DC/DC Converter:
1W, 65% Efficiency
n No External Components Required
n 1.62V to 5.5V Logic Supply for Flexible Digital
Interface
n High Speed Operation
1Mbps for 250pF/3kΩ Load
250kbps for 1nF/3kΩ Load
100kbps for 2.5nF/3kΩ TIA/EIA-232-F Load
n 3.3V (LTM2882-3) or 5V (LTM2882-5) Operation
n No Damage or Latchup to ±10kV ESD HBM on
Isolated RS232 Interface or Across Isolation Barrier
n High Common Mode Transient Immunity: 30kV/μs
n Common Mode Working Voltage: 560VPEAK
n True RS232 Compliant Output Levels
n Small Low Profile (15mm
× 11.25mm × 2.8mm)
Surface Mount LGA Package
n Isolated RS232 Interface
n Industrial Communication
n Test and Measurement Equipment
n Breaking RS232 Ground Loops
1Mbps Operation
2882 TA01a
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
3.3V (LTM2882-3)
5V (LTM2882-5)
VL
VCC
GND
GND2
ON
OFF
VCC2
DE
5V
AVAILABLE CURRENT:
150mA (LTM2882-5)
100mA (LTM2882-3)
400ns/DIV
DRIVER OUTPUTS TIED TO RECEIVER INPUTS
TOUT LOAD = 250pF + RIN
ROUT LOAD = 150pF
10V/DIV
5V/DIV
TIN
T1OUT/R1IN
T2OUT/R2IN
5V/DIV
2882 TA01b
R1OUT
R2OUT


Similar Part No. - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882 Datasheet
291Kb / 18P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2882 LINER-LTM2882 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2882 LINER-LTM2882 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTM2882 AD-LTM2882 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results

Similar Description - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2882 LINER-LTM2882_10 Datasheet
291Kb / 18P
Dual Isolated RS232 關Module Transceiver Power
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Linear Technology
LTM2882 LINER-LTM2882_15 Datasheet
390Kb / 22P
Dual Isolated RS232 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
LTM2889 LINER-LTM2889 Datasheet
998Kb / 30P
Isolated CAN FD 關Module Transceiver and Power
logo
Guangzhou Reicu Electro...
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
Isolated transceiver module
REV:18.2
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
RS232 Isolated transceiver module
REV:15.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com