Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology LTM2882 Datasheet HTML 10Page - Linear Technology LTM2882 Datasheet HTML 11Page - Linear Technology LTM2882 Datasheet HTML 12Page - Linear Technology LTM2882 Datasheet HTML 13Page - Linear Technology LTM2882 Datasheet HTML 14Page - Linear Technology LTM2882 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTM2882
11
2882p
Figure 5. VCC and VL Are Independent
2882 F05
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
ANY VOLTAGE FROM
1.62V TO 5.5V
3.0V TO 3.6V LTM2882-3
4.5V TO 5.5V LTM2882-5
EXTERNAL
DEVICE
VL
VCC
VCC2
GND
GND2
APPLICATIONS INFORMATION
Overview
The LTM2882 μModule transceiver provides a galvani-
cally-isolated robust RS232 interface, powered by an
integrated, regulated DC/DC converter, complete with
decoupling capacitors. The LTM2882 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2882 blocks high voltage differences,
eliminates ground loops and is extremely tolerant of com-
mon mode transients between grounds. Error-free opera-
tion is maintained through common mode events greater
than 30kV/μs providing excellent noise isolation.
μModule Technology
The LTM2882 utilizes isolator μModule technology to
translate signals and power across an isolation barrier.
Signals on either side of the barrier are encoded into
pulses and translated across the isolation boundary using
coreless transformers formed in the μModule substrate.
This system, complete with data refresh, error checking,
safe shutdown on fail, and extremely high common mode
immunity, provides a robust solution for bidirectional signal
isolation. The μModule technology provides the means
to combine the isolated signaling with our advanced dual
RS232 transceiver and powerful isolated DC/DC converter
in one small package.
DC/DC Converter
The LTM2882 contains a fully integrated isolated DC/DC
converter, including the transformer, so that no external
components are necessary. The logic side contains a full-
bridge driver, running at about 2MHz, and is AC-coupled
to a single transformer primary. A series DC blocking
capacitor prevents transformer saturation due to driver
duty cycle imbalance. The transformer scales the primary
voltage, and is rectified by a full-wave voltage doubler.
This topology eliminates transformer saturation caused
by secondary imbalances.
TheDC/DCconverterisconnectedtoalowdropoutregulator
(LDO) to provide a regulated low noise 5V output, VCC2.
An integrated boost converter generates a 7V VDD supply
and a charge pumped –6.3V VEE supply.VDD andVEE power
the output stage of the RS232 drivers and are regulated to
levels that guarantee greater than ±5V output swing.
The internal power solution is sufficient to support the
transceiver interface at its maximum specified load and
data rate, and has the capacity to provide additional 5V
power on the isolated side VCC2 and GND2 pins. VCC and
VCC2 are each bypassed internally with 2.2μF ceramic
capacitors.
VL Logic Supply
A separate logic supply pin VL allows the LTM2882 to inter-
face with any logic signal from 1.62V to 5.5V as shown in
Figure 5. Simply connect the desired logic supply to VL.
There is no interdependency between VCC and VL; they
may simultaneously operate at any voltage within their
specified operating ranges and sequence in any order. VL
is bypassed internally by a 2.2μF capacitor.
Hot Plugging Safely
Caution must be exercised in applications where power
is plugged into the LTM2882’s power supplies, VCC or VL,
due to the integrated ceramic decoupling capacitors. The
parasitic cable inductance along with the high Q char-
acteristics of ceramic capacitors can cause substantial
ringing which could exceed the maximum voltage ratings
and damage the LTM2882. Refer to Linear Technology Ap-
plication Note 88, entitled “Ceramic Input Capacitors Can
Cause Overvoltage Transients” for a detailed discussion
and mitigation of this phenomenon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com