Electronic Components Datasheet Search
  English  ▼

X  

ADP3208C Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADP3208C
Description  7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3208C Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADP3208C Datasheet HTML 5Page - ON Semiconductor ADP3208C Datasheet HTML 6Page - ON Semiconductor ADP3208C Datasheet HTML 7Page - ON Semiconductor ADP3208C Datasheet HTML 8Page - ON Semiconductor ADP3208C Datasheet HTML 9Page - ON Semiconductor ADP3208C Datasheet HTML 10Page - ON Semiconductor ADP3208C Datasheet HTML 11Page - ON Semiconductor ADP3208C Datasheet HTML 12Page - ON Semiconductor ADP3208C Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADP3208C
Rev. 1 | Page 9 of 41 | www.onsemi.com
TIMING DIAGRAM
Timing is referenced to the 90% and 10% points, unless otherwise noted.
IN
DRVH
(WITH RESPECT
TO SW)
DRVL
SW
tpdlDRVL
tfDRVL
trDRVL
tpdlDRVH
tfDRVH
tpdhDRVH
trDRVH
VTH
VTH
1V
tpdhDRVL
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com