Electronic Components Datasheet Search
  English  ▼

X  

ADP3208C Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADP3208C
Description  7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3208C Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADP3208C Datasheet HTML 17Page - ON Semiconductor ADP3208C Datasheet HTML 18Page - ON Semiconductor ADP3208C Datasheet HTML 19Page - ON Semiconductor ADP3208C Datasheet HTML 20Page - ON Semiconductor ADP3208C Datasheet HTML 21Page - ON Semiconductor ADP3208C Datasheet HTML 22Page - ON Semiconductor ADP3208C Datasheet HTML 23Page - ON Semiconductor ADP3208C Datasheet HTML 24Page - ON Semiconductor ADP3208C Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ADP3208C
Rev. 1 | Page 21 of 41 | www.onsemi.com
IR = AR ×IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
IR = AR × IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
VCC
L
RI
L
RI
LOAD
CR
CR
DRVH
DRVL
GATE DRIVER
SW
VCC
DRVL1
SW1
DRVH1
BST
BST1
5V
IN
DRVH
DRVL
GATE DRIVER
SW
VCC
DRVL2
SW2
DRVH2
BST
BST2
5V
RAMP
RA
CFB
RB
CA
CB
VDC
VCS
RCS
CCS
RPH
RPH
COMP
FB
FBRTN
CSCOMP
CSSUM
CSREF
LLINE
+
+–
+
–
+
06374-025
Figure 23. Dual-Phase PWM Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com