Electronic Components Datasheet Search
  English  ▼

X  

ADP3208C Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADP3208C
Description  7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3208C Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADP3208C Datasheet HTML 28Page - ON Semiconductor ADP3208C Datasheet HTML 29Page - ON Semiconductor ADP3208C Datasheet HTML 30Page - ON Semiconductor ADP3208C Datasheet HTML 31Page - ON Semiconductor ADP3208C Datasheet HTML 32Page - ON Semiconductor ADP3208C Datasheet HTML 33Page - ON Semiconductor ADP3208C Datasheet HTML 34Page - ON Semiconductor ADP3208C Datasheet HTML 35Page - ON Semiconductor ADP3208C Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
ADP3208C
Rev. 1 | Page 32 of 41 | www.onsemi.com
current. Equation 4 can be used to determine the minimum
inductance based on a given output ripple voltage.
L
f
D
V
I
SW
MIN
VID
R
×
−
×
=
)
1
(
(3)
RIPPLE
SW
MIN
O
VID
V
f
D
n
R
V
L
×
×
−
×
×
≥
))
(
1
(
(4)
Solving Equation 4 for a 16 mV peak-to-peak output ripple
voltage yields
()
nH
533
mV
16
kHz
0
0
3
076
.
0
2
1
mΩ
1
.
2
V
75
3
4
1.
=
×
×
−
×
×
≥
L
If the resultant ripple voltage is less than the initially selected
value, the inductor can be changed to a smaller value until the
ripple value is met. This iteration allows optimal transient
response and minimum output decoupling.
The smallest possible inductor should be used to minimize the
number of output capacitors. Choosing a 490 nH inductor is a
good choice for a starting point, and it provides a calculated
ripple current of 9.0 A. The inductor should not saturate at the
peak current of 24.5 A, and it should be able to handle the sum
of the power dissipation caused by the winding’s average current
(20 A) plus the ac core loss. In this example, 330 nH is used.
Another important factor in the inductor design is the DCR,
which is used for measuring the phase currents. Too large of a
DCR causes excessive power losses, whereas too small of a value
leads to increased measurement error. For this example, an
inductor with a DCR of 0.8 mΩ is used.
Selecting a Standard Inductor
After the inductance and DCR are known, select a standard
inductor that best meets the overall design goals. It is also
important to specify the inductance and DCR tolerance to
maintain the accuracy of the system. Using 20% tolerance for
the inductance and 15% for the DCR at room temperature are
reasonable values that most manufacturers can meet.
Power Inductor Manufacturers
The following companies provide surface-mount power inductors
optimized for high power applications upon request:
•
Vishay Dale Electronics, Inc.
(605) 665-9301
•
Panasonic
(714) 373-7334
•
Sumida Electric Company
(847) 545-6700
•
NEC Tokin Corporation
(510) 324-4110
Output Droop Resistance
The design requires that the regulator output voltage measured
at the CPU pins decreases when the output current increases. The
specified voltage drop corresponds to the droop resistance (RO).
The output current is measured by summing the currents of the
resistors monitoring the voltage across each inductor and by
passing the signal through a low-pass filter. The summing is
implemented by the CS amplifier that is configured with resistor
RPH(x) (summer) and resistors RCS and CCS (filters). The output
resistance of the regulator is set by the following equations:
SENSE
x
PH
CS
O
R
R
R
R
×
=
)
(
(5)
CS
SENSE
CS
R
R
L
C
×
=
(6)
where RSENSE is the DCR of the output inductors.
Either RCS or RPH(x) can be chosen for added flexibility. Due to
the current drive ability of the CSCOMP pin, the RCS resistance
should be greater than 100 kΩ. For example, initially select RCS
to be equal to 200 kΩ, and then use Equation 6 to solve for CCS:
nF
1
.
2
kΩ
200
mΩ
8
.
0
nH
330
=
×
=
CS
C
If CCS is not a standard capacitance, RCS can be tuned. For
example, if the optimal CCS capacitance is 1.5 nF, adjust RCS to
280 kΩ. For best accuracy, CCS should be a 5% NPO capacitor.
In this example, a 220 kΩ is used for RCS to achieve optimal results.
Next, solve for RPH(x) by rearranging Equation 5 as follows:
kΩ
8
.
83
kΩ
220
mΩ
1
.
2
mΩ
8
.
0
)
(
=
×
≥
x
PH
R
The standard 1% resistor for RPH(x) is 86.6 kΩ.
Inductor DCR Temperature Correction
If the DCR of the inductor is used as a sense element and
copper wire is the source of the DCR, the temperature changes
associated with the inductor’s winding must be compensated
for. Fortunately, copper has a well-known temperature
coefficient (TC) of 0.39%/°C.
If RCS is designed to have an opposite but equal percentage of
change in resistance, it cancels the temperature variation of the
inductor’s DCR. Due to the nonlinear nature of NTC thermistors,
series resistors RCS1 and RCS2 (see Figure 36) are needed to linearize
the NTC and produce the desired temperature coefficient tracking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com