Electronic Components Datasheet Search
  English  ▼

X  

MAX9621 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9621 Datasheet HTML 3Page - Maxim Integrated Products MAX9621 Datasheet HTML 4Page - Maxim Integrated Products MAX9621 Datasheet HTML 5Page - Maxim Integrated Products MAX9621 Datasheet HTML 6Page - Maxim Integrated Products MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products MAX9621 Datasheet HTML 10Page - Maxim Integrated Products MAX9621 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
7
Typical Operating Characteristics (continued)
(VBAT = 13.6V, RSET = 61.9kI, RL = 5kI to GND at AOUT_, VSLEEP = 5V, TA = +25NC, unless otherwise noted.)
CURRENT GAIN vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
0.04
0.05
0.06
0.07
0.03
-50
125
CURRENT GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.04
0.05
0.06
0.07
0.03
8.00
10.50
13.00
15.50
18.00
5.50
MAX9621 toc21
VIN1
IIN1
VAOUT1
400ns/div
RESPONSE TO SHORT TO GROUND
MAX9621 toc22
VAOUT1
VIN1
IIN1
VDOUT1
100µs/div
REENERGIZING OF THE HALL INPUT
FROM OPEN-CIRCUIT CONDITION
MAX9621 toc23
VIN1
VSLEEP
IIN1
VAOUT1
10µs/div
STARTUP OF IN_/AOUT_
FROM SHUTDOWN
MAX9621 toc24
VIN1
VSLEEP
IIN1
VDOUT1
20µs/div
STARTUP OF IN_/DOUT_
FROM SHUTDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com