Electronic Components Datasheet Search
  English  ▼

X  

MAX9621 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9621 Datasheet HTML 1Page - Maxim Integrated Products MAX9621 Datasheet HTML 2Page - Maxim Integrated Products MAX9621 Datasheet HTML 3Page - Maxim Integrated Products MAX9621 Datasheet HTML 4Page - Maxim Integrated Products MAX9621 Datasheet HTML 5Page - Maxim Integrated Products MAX9621 Datasheet HTML 6Page - Maxim Integrated Products MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
5
Typical Operating Characteristics
(VBAT = 13.6V, RSET = 61.9kI, RL = 5kI to GND at AOUT_, VSLEEP = 5V, TA = +25NC, unless otherwise noted.)
HALL INPUT CURRENT
THRESHOLDS vs. VBAT
BAT VOLTAGE (V)
15.5
13.0
8.0
10.5
8.75
9.00
9.25
9.50
10.00
9.75
10.25
10.50
8.50
5.5
18.0
LOW TO HIGH
HIGH TO LOW
HALL INPUT CURRENT THRESHOLDS
FOR HIGH/LOW vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
8.8
-40
125
LOW TO HIGH
HIGH TO LOW
BAT SUPPLY CURRENT
vs. VBAT IN SHUTDOWN MODE
BAT VOLTAGE (V)
60
40
20
20
40
60
80
100
120
140
160
180
200
0
0
80
TA = +125°C
TA = +25°C AND -40°C
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = +125NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = +25NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = -40NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = +125NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = +25NC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = -40NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com