Electronic Components Datasheet Search
  English  ▼

X  

MAX9621 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9621 Datasheet HTML 1Page - Maxim Integrated Products MAX9621 Datasheet HTML 2Page - Maxim Integrated Products MAX9621 Datasheet HTML 3Page - Maxim Integrated Products MAX9621 Datasheet HTML 4Page - Maxim Integrated Products MAX9621 Datasheet HTML 5Page - Maxim Integrated Products MAX9621 Datasheet HTML 6Page - Maxim Integrated Products MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
General Description
The MAX9621 is a continuation of the Maxim family of
Hall-effect sensor interfaces that already includes the
MAX9921. The MAX9621 provides a single-chip solution
to interface two 2-wire Hall-effect sensors to low-voltage
microprocessors (FP) through either a digital output for
Hall-effect switches or an analog output for linear infor-
mation or both.
The MAX9621 protects the Hall sensors from supply
transients up to 60V at the BAT supply. Normal operating
supply voltage ranges from 5.5V to 18V. If the BAT sup-
ply rises above 18V, the MAX9621 shuts off the current to
the Hall sensors. When a short-to-ground fault condition
is detected, the current to the Hall input is shut off and
the condition is indicated at the analog output by a zero-
current level and a high digital output.
The MAX9621 provides a minimum of 50Fs blanking
time following Hall sensor power-up or restart. The open-
drain digital outputs are compatible with logic levels up
to 5.5V.
The MAX9621 is available in a 3mm x 5mm, 10-pin
F
MAXM package and is rated for operation in the -40NC
to +125NC temperature range.
Applications
Window Lifters
Seat Movers
Electric Sunroofs
Seatbelt Buckles
Door Power Locks
Ignition Key
Steering Column
Speed Sensing
Features
S
Provides Supply Current and Interfaces to Two
2-Wire Hall-Effect Sensors
S
5.5V to 18V Operating Voltage Range
S
Protects Hall Sensors Against Up to 60V Supply
Transients
S
Low-Power Shutdown for Power Saving
S
Filtered Digital Outputs
S
Analog Output Mirrors the Hall Sensor Current
S
Hall Inputs Protected from Short to Ground
S
Hall Sensor Blanking Following Power-Up and
Restart from Shutdown and Short to Ground
S
Operates with ±3V Ground Shift Between the Hall
Sensor and the MAX9621
S
±2kV Human Body Model ESD and ±200V Machine
Model ESD at All Pins
S
3mm x 5mm, 10-Pin µMAX Package
19-5024; Rev 0; 11/09
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Functional Diagram
Typical Application Circuit appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX9621AUB+T
-40NC to +125NC
10 FMAX
BAT
REFERENCE
SLEEP-MODE
CONTROL
FILTER
AOUT1
10kI
AOUT2
DOUT1
INPUT
SHORT
DETECTION
ISET
IN1
REF
REF
BAT
BAT
MAX9621
SLEEP
FILTER
DOUT2
IN2
REF
GND


Similar Part No. - MAX9621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 15P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
MAX9621 MAXIM-MAX9621 Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
logo
Analog Devices
MAX9621 AD-MAX9621 Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 2 2/20
logo
Maxim Integrated Produc...
MAX9621AUB+T MAXIM-MAX9621AUB+T Datasheet
2Mb / 15P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
MAX9621AUB+T MAXIM-MAX9621AUB+T Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
More results

Similar Description - MAX9621

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL700 MICRONAS-HAL700 Datasheet
167Kb / 12P
Dual Hall-Effect Sensor with Independent Outputs
logo
Maxim Integrated Produc...
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
TMAG5124 Hall Effect Switch With 2-Wire Interface
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.2
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com