Electronic Components Datasheet Search
  English  ▼

X  

MAX9920 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9920
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9920 Datasheet HTML 9Page - Maxim Integrated Products MAX9920 Datasheet HTML 10Page - Maxim Integrated Products MAX9920 Datasheet HTML 11Page - Maxim Integrated Products MAX9920 Datasheet HTML 12Page - Maxim Integrated Products MAX9920 Datasheet HTML 13Page - Maxim Integrated Products MAX9920 Datasheet HTML 14Page - Maxim Integrated Products MAX9920 Datasheet HTML 15Page - Maxim Integrated Products MAX9920 Datasheet HTML 16Page - Maxim Integrated Products MAX9920 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Uni-/Bidirectional Operation
The MAX9918/MAX9919/MAX9920 support both unidi-
rectional and bidirectional operation. The devices oper-
ate in unidirectional mode with VREFIN = GND. The
output is then referenced to ground and the output volt-
age VOUT is proportional to the positive voltage drop
(VSENSE) from RS+ to RS- (Figure 1).
The MAX9918/MAX9919 operate in bidirectional mode
by application of a low-source impedance reference
voltage in the 0V to VCC - 1.9V range, (typically VCC/2),
to REFIN. For the MAX9920, the reference voltage range
is 0V to VCC - 2.4V (typically VCC/2). The output voltage
VOUT relative to VREFIN is then proportional to the
±VSENSE voltage drop from RS+ to RS- (Figure 2).
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
14
______________________________________________________________________________________
IDISCHARGE
RSENSE
LOAD
TO ADC
VCC
GND
RS+
RS-
REFIN
OUT
30mV
10mV
20mV
20mV
0
DISCHARGE
CURRENT
0.9V
3.6V
2.7V
G = 90V/V
5V
1.8V
SHDN
MAX9919N
VSENSE
VOUT
Figure 1. Unidirectional Operation
IDISCHARGE
RSENSE
ICHARGE
LOAD
TO ADC
2.5V
VCC
GND
RS+
RS-
REFIN
OUT
-20mV
10mV
20mV
0
DISCHARGE
CURRENT
CHARGE
CURRENT
-1.8V
1.8V
0.9V
G = 90V/V
VSENSE
5V
-0.9V
-10mV
SHDN
VOUT - VREFIN
MAX9919N
Figure 2. Bidirectional Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com